Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12L080EVAL Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L080EVAL
Description  12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L080EVAL Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC12L080EVAL Datasheet HTML 1Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
2V
IN+
Differential analog signal Input pins. With a 1.0V reference
voltage the full-scale differential input signal level is 2.0 V
P-P
with each input pin centered on a common mode voltage,
V
CM. The VIN- pin may be connected to VCM for single-ended
operation, but a differential input signal is required for best
performance.
3V
IN−
1V
REF
Reference input. This pin should be connected to V
A to use
the internal 1.0V reference. If it is desired to use an external
reference voltage, this pin should be bypassed to AGND with
a 0.1 µF low ESL capacitor. Specified operation is with a
V
REF of 1.0V, but the device will function well with a VREF
range indicated in the Electrical Tables.
31
V
RP
These pins are high impedance reference bypass pins only.
Connect a 0.1 µF capacitor from each of these pins to AGND.
Connect a 1.0 µF capacitor from V
RP to VRN. DO NOT LOAD
these pins.
32
V
RM
30
V
RN
DIGITAL I/O
10
CLK
Digital clock input. The range of frequencies for this input is
10 MHz to 80 MHz with guaranteed performance at 80 MHz.
The input is sampled on the rising edge of this input.
11
OF
Output format selection. When this pin is LOW, the output
format is offset binary. When this pin is HIGH the output
format is two’s complement. This pin may be changed
asynchronously, but such a change will result in errors for one
or two conversions.
8PD
PD is the Power Down input pin. When high, this input puts
the converter into the power down mode. When this pin is
low, the converter is in the active mode.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com