Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12L080EVAL Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L080EVAL
Description  12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L080EVAL Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC12L080EVAL Datasheet HTML 1Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Absolute Maximum Ratings
(Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
A,VD,VDR
4.2V
|V
A–VD|
≤ 100 mV
V
DR–VD
≤ 300 mV
Voltage on Any Pin
−0.3V to V
A or (VD
+ 0.3V)
Input Current at Any Pin (Note 3)
±25 mA
Package Input Current (Note 3)
±50 mA
Package Dissipation at T
A = 25˚C
See (Note 4)
ESD Susceptibility
Human Body Model (Note 5)
2500V
Machine Model (Note 5)
250V
Soldering Temperature,
Infrared, 10 sec. (Note 6)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage (V
A,VD)
+3.0V to +3.60V
Output Driver Supply (V
DR)
+2.4V to V
D
V
REF
0.8V to 1.5V
CLK, PD, OF
−0.05V to V
D + 0.05V
V
IN Input
−0V to (V
A − 0.5V)
V
CM
0.5V to (V
A-1.5V)
|AGND–DGND|
0V
Package Thermal Resistances
Package
θ
J-A
32-Lead LQFP
79˚C / W
Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V, VDR =
+2.5V, PD = 0V, V
REF = +1.0V external, VCM = 1.65V, RS < 100
Ω,f
CLK = 80 MHz, tr =tf = 2 ns, fIN = 70 MHz, CL = 15 pF/pin.
Boldface limits apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9, 10)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits
INL
Integral Non Linearity
Best Fit Method
±1.2
4.0
LSB (max)
-3.3
LSB (min)
DNL
Differential Non Linearity
No missing codes
±0.4
1.5
LSB (max)
-1.0
LSB (min)
GE
Gain Error
Positive Error
−0.15
+5.7
-2
%FS (max)
%FS (min)
Negative Error
+0.4
+5
-3.7
%FS (max)
%FS (min)
Offset Error (V
IN+=VIN−)
+0.2
+1.7
-0.6
%FS (max)
Under Range Output Code
0
0
Over Range Output Code
4095
4095
REFERENCE AND ANALOG INPUT CHARACTERISTICS
V
CM
Common Mode Input Voltage
1.65
0.5
V (min)
2.0
V (max)
C
IN
V
IN Input Capacitance
(each pin to GND)
V
IN = 1.0 Vdc
+1V
P-P
(CLK LOW)
8
pF
(CLK HIGH)
7
pF
V
REF
Reference Voltage (Note 12)
1.0
0.8
V (min)
1.5
V (max)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com