Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4239 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-4239
Description  High Power Infrared Emitter (940 nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4239 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-4239 Datasheet HTML 1Page - OSRAM GmbH SFH-4239 Datasheet HTML 2Page - OSRAM GmbH SFH-4239 Datasheet HTML 3Page - OSRAM GmbH SFH-4239 Datasheet HTML 4Page - OSRAM GmbH SFH-4239 Datasheet HTML 5Page - OSRAM GmbH SFH-4239 Datasheet HTML 6Page - OSRAM GmbH SFH-4239 Datasheet HTML 7Page - OSRAM GmbH SFH-4239 Datasheet HTML 8Page - OSRAM GmbH SFH-4239 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2012-12-03
4
Version 1.0
SFH 4239
Grouping (TA = 25 °C)
Gruppierung
Group
Min Radiant Intensity
Max Radiant Intensity
Gruppe
Min Strahlstärke
Max Strahlstärke
IF = 1 A, tp = 10 ms
IF = 1 A, tp = 10 ms
Ie, min [mW / sr]
Ie, max [mW / sr]
SFH4239 -CW
250
500
SFH4239 -DW
400
800
SFH4239 -EW
630
1250
Note: Only one group in one packing unit (variation lower 2:1).
measured at a solid angle of = 0.01 sr
Anm.: Nur eine Gruppe in einer Verpackungseinheit (Streuung kleiner 2:1).
gemessen bei einem Raumwinkel = 0.01 sr
Relative Spectral Emission
Relative spektrale Emission
Irel = f( ), TA = 25°C
Relative Total Radiant Flux
Relativer Gesamtstrahlungsfluss
e /
e (1000mA) = f(IF), TA = 25°C, Single pulse,
tp= 100 s
800
0
nm
%
OHF04133
20
40
60
80
100
1050
850
900
950
I
rel
λ
OHF04290
I
F
A
10
-1
510 0
510 1
1
10
-2
10
-3
10
5
10
10
5
-1
5
0
e
Φ
(1 A)
Φ
e
10
-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com