Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4272 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-4272
Description  Rote Lumineszenzdiode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4272 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-4272 Datasheet HTML 1Page - OSRAM GmbH SFH-4272 Datasheet HTML 2Page - OSRAM GmbH SFH-4272 Datasheet HTML 3Page - OSRAM GmbH SFH-4272 Datasheet HTML 4Page - OSRAM GmbH SFH-4272 Datasheet HTML 5Page - OSRAM GmbH SFH-4272 Datasheet HTML 6Page - OSRAM GmbH SFH-4272 Datasheet HTML 7Page - OSRAM GmbH SFH-4272 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SFH 4272
Rote Lumineszenzdiode
Red Emitter
Lead (Pb) Free Product - RoHS Compliant
2007-06-18
1
Wesentliche Merkmale
• Schwarz eingefärbtes TOPLED-Gehäuse
• Typische Emissionswellenlänge 645nm
• Verbesserte Abbildungseigenschaften durch
Absorption der Seitenstrahlung
• Größe der Leuchtquelle 200µm x 200µm
• Feuchte-Empfindlichkeitsstufe 2 nach JEDEC
Standard J-STD-020C
Anwendungen
• Miniaturlichtschranken und Lichtschranken
über große Entfernungen
• Industrieelektronik
• „Messen/Steuern/Regeln“
• Automobiltechnik
• Sensorik
• Alarm- und Sicherungssysteme
Typ
Type
Bestellnummer
Ordering Code
Strahlstärkegruppierung
1) (I
F = 20 mA, tp = 20 ms)
Radiant Intensity Grouping
1)
I
e (mW/sr)
1) gemessen bei einem Raumwinkel Ω = 0.01 sr / measured at a solid angle of Ω = 0.01 sr
SFH 4272
Q65110A2522
> 0.16 (typ. 0.35)
Features
• Black coloured TOPLED-package
• Typical Peakwavelength 645nm
• Improved imaging characteristics due to
absorption of side emission
• Size of emitting area 200µm x 200µm
• Moisture sensitivity level 2 according to JEDEC
Standard J-STD-020C
Applications
• Miniature and long distance photointerrupters
• Industrial electronics
• For drive and control circuits
• Automotive technology
• Sensor technology
• Alarm and safety equipment


Similar Part No. - SFH-4272

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4271 OSRAM-SFH-4271 Datasheet
177Kb / 14P
Infrared Emitter
SFH-4273 OSRAM-SFH-4273 Datasheet
174Kb / 9P
Rote Lumineszenzdiode
SFH-4278S OSRAM-SFH-4278S Datasheet
430Kb / 13P
High Power Infrared Emitter
SFH-4279S OSRAM-SFH-4279S Datasheet
430Kb / 13P
High Power Infrared Emitter
More results

Similar Description - SFH-4272

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH460 OSRAM-SFH460 Datasheet
97Kb / 5P
GaAlAs-Lumineszenzdiode
SFH409 OSRAM-SFH409_03 Datasheet
57Kb / 5P
GaAs-IR-Lumineszenzdiode
SFH405 OSRAM-SFH405_12 Datasheet
130Kb / 7P
GaAs-IR-Lumineszenzdiode
SFH409 OSRAM-SFH409_12 Datasheet
138Kb / 7P
GaAs-IR-Lumineszenzdiode
SFH4273 OSRAM-SFH4273 Datasheet
174Kb / 9P
Rote Lumineszenzdiode
SFH-4273 OSRAM-SFH-4273 Datasheet
174Kb / 9P
Rote Lumineszenzdiode
SFH-409 OSRAM-SFH-409 Datasheet
114Kb / 5P
GaAs-IR-Lumineszenzdiode
SFH-4010 OSRAM-SFH-4010 Datasheet
159Kb / 9P
IR-Lumineszenzdiode
SFH-4080 OSRAM-SFH-4080 Datasheet
266Kb / 9P
IR-Lumineszenzdiode
SFH-4200 OSRAM-SFH-4200 Datasheet
238Kb / 9P
Leistungsstarke IR-Lumineszenzdiode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com