Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4272 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-4272
Description  Rote Lumineszenzdiode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4272 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-4272 Datasheet HTML 1Page - OSRAM GmbH SFH-4272 Datasheet HTML 2Page - OSRAM GmbH SFH-4272 Datasheet HTML 3Page - OSRAM GmbH SFH-4272 Datasheet HTML 4Page - OSRAM GmbH SFH-4272 Datasheet HTML 5Page - OSRAM GmbH SFH-4272 Datasheet HTML 6Page - OSRAM GmbH SFH-4272 Datasheet HTML 7Page - OSRAM GmbH SFH-4272 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SFH 4272
2007-06-18
4
Relative Spectral Emission
I
rel = f (λ)
Forward Current
I
F = f (VF) single pulse, tp = 20 µs
Radiation Characteristics
I
rel = f (ϕ)
OHL01487
0
550
%
super-red
rel
I
λ
20
40
60
80
600
650
700
nm
100
OHL00232
10
-1
1.4
1.8
2.2
2.6
3 V 3.4
0
10
1
10
10
2
5
5
mA
5
1
F
V
F
I
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
20˚
40˚
60˚
80˚
100˚
120˚
Radiant Intensity
I
e/Ie(20 mA) = f (IF)
Permissible Pulse Handling
Capability
I
F = f (tp), TA = 25 °C
duty cycle
D = parameter
10
10
10
0
-2
10-1
mA
1
10
I
F
2
I
V (20 mA)
I
100
V
101
OHL02348
OHL00318
F
I
10
10
-5
-4
-3
10
10
-2 10-1 100
s
10
1
10
2
p
t
0.05
0.5
0.2
0.1
D
0.02
0.01
0.005
=
-2
10
-1
10
0
10
5
5
A
D
T
t
=
P
t
T
P
I
F
Max. Permissible Forward Current
I
F = f (TA)
OHL01013
0
0
20
40
60
80 ˚C 100
T
I
F
temp. ambient
temp. solder point
A
S
T
T
5
10
15
20
25
30
35
A
T
S
T
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com