Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4940 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-4940
Description  Infrared Emitter Arrays (940 nm)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4940 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-4940 Datasheet HTML 1Page - OSRAM GmbH SFH-4940 Datasheet HTML 2Page - OSRAM GmbH SFH-4940 Datasheet HTML 3Page - OSRAM GmbH SFH-4940 Datasheet HTML 4Page - OSRAM GmbH SFH-4940 Datasheet HTML 5Page - OSRAM GmbH SFH-4940 Datasheet HTML 6Page - OSRAM GmbH SFH-4940 Datasheet HTML 7Page - OSRAM GmbH SFH-4940 Datasheet HTML 8Page - OSRAM GmbH SFH-4940 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2015-12-23
1
2015-12-23
Infrared Emitter Arrays (940 nm)
Version 1.2
SFH 4942/ 4943/ 4944/ 4945/ 4946/ 4947/ 4948/ 4949/
4940
Features:
•
Wavelength 950nm
•
Leadframe arrays, available from 2 to 10 Emitters per array
•
Short switching times
•
Same package dimensions as BPX 80 series
•
Miniature package
Applications
•
Miniature photointerrupters
•
Barcode reader
•
Industrial electronics
•
For control and drive circuits
•
Sensor technology
•
Speed controller
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.


Similar Part No. - SFH-4940

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
Infrared Emitter (940 nm)
SFH-4941-C OSRAM-SFH-4941-C Datasheet
233Kb / 10P
Infrared Emitter (940 nm)
More results

Similar Description - SFH-4940

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
Infrared Emitter (940 nm)
SFH4841E7800 OSRAM-SFH4841E7800 Datasheet
451Kb / 12P
Infrared Emitter (940 nm)
SFH4845 OSRAM-SFH4845 Datasheet
445Kb / 12P
Infrared Emitter (940 nm)
SFH4846 OSRAM-SFH4846 Datasheet
270Kb / 12P
Infrared Emitter (940 nm)
SFH4942 OSRAM-SFH4942 Datasheet
473Kb / 12P
Infrared Emitter Arrays (940 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
Infrared Emitter (940 nm)
SFH-4941-C OSRAM-SFH-4941-C Datasheet
233Kb / 10P
Infrared Emitter (940 nm)
logo
ams AG
SFH4940 AMSCO-SFH4940 Datasheet
1Mb / 16P
Infrared Emitter Arrays (940 nm)
Version 1.3 2023-06-06
SFH4942 AMSCO-SFH4942 Datasheet
1Mb / 14P
Infrared Emitter Arrays (940 nm)
Version 1.3 2023-06-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com