Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-4940 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-4940
Description  Infrared Emitter Arrays (940 nm)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4940 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-4940 Datasheet HTML 1Page - OSRAM GmbH SFH-4940 Datasheet HTML 2Page - OSRAM GmbH SFH-4940 Datasheet HTML 3Page - OSRAM GmbH SFH-4940 Datasheet HTML 4Page - OSRAM GmbH SFH-4940 Datasheet HTML 5Page - OSRAM GmbH SFH-4940 Datasheet HTML 6Page - OSRAM GmbH SFH-4940 Datasheet HTML 7Page - OSRAM GmbH SFH-4940 Datasheet HTML 8Page - OSRAM GmbH SFH-4940 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2015-12-23
4
Version 1.2
SFH 4942/ 4943/ 4944/ 4945/ 4946/ 4947/ 4948/ 4949/ 4940
Grouping (T
A = 25 °C)
Temperature coefficient of Ie or Φe
(I
F = 40 mA, tp = 20 ms)
(typ)
TCI
-0.3
% / K
Temperature coefficient of V
F
(I
F = 40 mA, tp = 20 ms)
(typ)
TC
V
-0.8
mV / K
Temperature coefficient of wavelength
(IF = 40 mA, tp = 20 ms)
(typ)
TC
λ
0.3
nm / K
Group
Min Radiant Intensity
Max Radiant Intensity
Typ Radiant Intensity
IF = 40 mA, tp = 20 ms
IF = 40 mA, tp = 20 ms
IF = 1 A, tp = 40 µs
Ie, min [mW / sr]
Ie, max [mW / sr]
Ie, typ [mW / sr]
SFH 4942/3/4/5/6/7/8/9/0 16
125
520
Note:
measured at a solid angle of Ω = 0.01 sr
Relative Spectral Emission 2) page 9
Irel = f(λ), TA = 25°C
Radiant Intensity 2) page 9
Ie / Ie(40 mA) = f(IF), single pulse, tp = 40 µs,
TA= 25°C
Parameter
Symbol
Values
Unit
800
0
nm
%
OHF04134
20
40
60
80
100
Irel
λ
850
900
950
1025
OHF05660
3
10
Ι
e
(40 mA)
e
Ι
F
I
10
2
1
10
10
0
mA
10
-2
10
-1
10
0
10
1
2
10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com