Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4940-1ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4940-1ACPZ-R7
Description  Ultralow Power, Low Distortion, Fully Differential ADC Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4940-1ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4940-1ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4940-1ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4940-1ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4940-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4940-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4940-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4940-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4940-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4940-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Ultralow Power, Low Distortion,
Fully Differential ADC Drivers
Data Sheet
ADA4940-1/ADA4940-2
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Small signal bandwidth: 260 MHz
Ultralow power 1.25mA
Extremely low harmonic distortion
−122 dB THD at 50 kHz
−96 dB THD at 1 MHz
Low input voltage noise: 3.9 nV/√Hz
0.35 mV maximum offset voltage
Balanced outputs
Settling time to 0.1%: 34 ns
Rail-to-rail output: −VS + 0.1 V to +VS − 0.1 V
Adjustable output common-mode voltage
Flexible power supplies: 3 V to 7 V (LFCSP)
Disable pin to reduce power consumption
ADA4940-1 is available in LFCSP and SOIC packages
APPLICATIONS
Low power PulSAR®/SAR ADC drivers
Single-ended-to-differential conversion
Differential buffers
Line drivers
Medical imaging
Industrial process controls
Portable electronics
GENERAL DESCRIPTION
The ADA4940-1/ADA4940-2 are low noise, low distortion fully
differential amplifiers with very low power consumption. They
are an ideal choice for driving low power, high resolution, high
performance SAR and Σ-Δ analog-to-digital converters (ADCs)
with resolutions up to 16 bits from dc to 1 MHz on only 1.25 mA
of quiescent current. The adjustable level of the output common-
mode voltage allows the ADA4940-1/ADA4940-2 to match the
input common-mode voltage of multiple ADCs. The internal
common-mode feedback loop provides exceptional output balance,
as well as suppression of even-order harmonic distortion products.
With the ADA4940-1/ADA4940-2, differential gain configurations
are easily realized with a simple external feedback network of
four resistors determining the closed-loop gain of the amplifier.
The ADA4940-1/ADA4940-2 are fabricated using Analog Devices,
Inc., SiGe complementary bipolar process, enabling them to
achieve very low levels of distortion with an input voltage noise
of only 3.9 nV/√Hz. he low dc ofset and excellent dynamic
performance of the ADA4940-1/ADA4940-2 make them well
suited for a variety of data acquisition and signal processing
applications.
FUNCTIONAL BLOCK DIAGRAMS
NOTES
1. CONNECT THE EXPOSED PAD TO
–VS OR GROUND.
DISABLE
–FB
+IN
–IN
+FB
–OUT
ADA4940-1
+OUT
VOCM
12
11
10
1
3
4
9
2
Figure 1. ADA4940-1
–IN1
+FB1
+VS1
+VS1
–FB2
+IN2
DISABLE2
–VS2
–VS2
VOCM1
+OUT1
ADA4940-2
–OUT2
2
1
3
4
5
6
18
17
16
15
14
13
NOTES
1. CONNECT THE EXPOSED PAD TO
–VS OR GROUND.
Figure 2. ADA4940-2
The ADA4940-1 is available in a 3 mm × 3 mm, 16-lead LFCSP
and an 8-lead SOIC. The ADA4940-2 is available in a 4 mm ×
4 mm, 24-lead LFCSP. The pinouts are optimized to facilitate
printed circuit board (PCB) layout and minimize distortion.
The ADA4940-1/ADA4940-2 are specified to operate over the
−40°C to +125°C temperature range.
Table 1. Similar Products to ADA4940-1/ADA4940-2
Product
ISUPPLY
(mA)
Bandwidth
(MHz)
Slew Rate
(V/µs)
Noise
(nV/√Hz)
AD8137
3
110
450
8.25
ADA4932-1
9
560
2800
3.6
ADA4941-1
2.2
31
22
5.1
Table 2. Complementary Products to ADA4940-1/ADA4940-2
Product
Power
(mW)
Throughput
(MSPS)
Resolution
(Bits)
SNR
(dB)
AD7982
7.0
1
18
98
AD7984
10.5
1.333
18
96.5
AD7621
65
3
16
88
AD7623
45
1.333
16
88


Similar Part No. - ADA4940-1ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4940-1ACPZ-R7 AD-ADA4940-1ACPZ-R7 Datasheet
926Kb / 32P
Ultralow Power, Low Distortion
REV. B
ADA4940-1ACPZ-R7 AD-ADA4940-1ACPZ-R7 Datasheet
1Mb / 30P
Ultralow Power, Low Distortion, Fully Differential ADC Drivers
Rev. D
More results

Similar Description - ADA4940-1ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4937-1 AD-ADA4937-1_07 Datasheet
627Kb / 28P
Ultralow Distortion, Differential ADC Driver
5/07-Revision 0
ADA4939-1 AD-ADA4939-1 Datasheet
628Kb / 24P
Ultralow Distortion Differential ADC Driver
REV. 0
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
Ultralow Distortion Differential ADC Driver
Rev. D
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
Ultralow Distortion Differential ADC Driver
Rev. D
ADA4938-1 AD-ADA4938-1_15 Datasheet
573Kb / 28P
Ultralow Distortion Differential ADC Driver
REV. A
ADA4938-2 AD-ADA4938-2_15 Datasheet
573Kb / 28P
Ultralow Distortion Differential ADC Driver
REV. A
ADA4937-1 AD-ADA4937-1_16 Datasheet
591Kb / 28P
Ultralow Distortion Differential ADC Driver
Rev. F
ADA4938-1 AD-ADA4938-1_16 Datasheet
598Kb / 26P
Ultralow Distortion Differential ADC Driver
Rev. B
ADA4939-1 AD-ADA4939-1_16 Datasheet
590Kb / 24P
Ultralow Distortion, Differential ADC Driver
Rev. A
ADA4940-1 AD-ADA4940-1_16 Datasheet
1Mb / 30P
Ultralow Power, Low Distortion, Fully Differential ADC Drivers
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com