Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4940-1ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4940-1ACPZ-R7
Description  Ultralow Power, Low Distortion, Fully Differential ADC Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4940-1ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4940-1ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4940-1ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4940-1ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4940-1ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4940-1ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4940-1ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4940-1ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4940-1ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4940-1ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Data Sheet
ADA4940-1/ADA4940-2
Rev. E | Page 15 of 30
–20
–130
0.01
0.1
1
10
FREQUENCY (MHz)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
VOUT, dm = 2V p-p
LFCSP: RL = 1kΩ
LFCSP: RL = 200Ω
SOIC: RL = 1kΩ
SOIC: RL = 200Ω
Figure 31. Spurious-Free Dynamic Range vs. Frequency at
RL = 200 Ω and RL = 1 kΩ
–20
–150
–2.5
2.5
VOCM (V)
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
VOUT, dm = 2V p-p
HD2 AT 1MHz
HD2 AT 100kHz
HD3 AT 1MHz
HD3 AT 100kHz
Figure 32. Harmonic Distortion vs. VOCM for 100 kHz and 1 MHz,
±2.5 V Supplies (LFCSP)
–20
–130
0.01
0.1
1
10
FREQUENCY (MHz)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
HD3 AT VOUT, dm = 8V p-p
HD2 AT VOUT, dm = 8V p-p
HD2 AT VOUT, dm = 4V p-p
HD2 AT VOUT, dm = 2V p-p
HD3 AT VOUT, dm = 2V p-p
HD3 AT VOUT, dm = 4V p-p
Figure 33. Harmonic Distortion vs. Frequency for Various VOUT, dm (LFCSP)
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
0
1
2
3
4
5
6
7
8
9
10
VOUT, dm (V p-p)
VS = ±1.5V HD3
VS = +3V, 0V HD3
VS = +3V, 0V HD2
VS = ±3.5V HD3
VS = ±2.5V HD3
VS = ±3.5V HD2
VS = ±1.5V HD2
f = 1MHz
VS = ±2.5V HD2
Figure 34. Harmonic Distortion vs. VOUT, dm for Various Supplies, f = 1 MHz
(LFCSP)
–20
–140
0
3.0
2.5
VOCM (V)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
0.5
1.0
1.5
2.0
+VS = +3V, –VS = 0V
VOUT, dm = 2V p-p
HD2 AT 1MHz
HD3 AT 1MHz
HD3 AT 100kHz
HD2 AT 100kHz
Figure 35. Harmonic Distortion vs. VOCM for 100 kHz and 1 MHz, 3 V Supply
(LFCSP)
–20
–140
0.01
0.1
1
10
FREQUENCY (MHz)
–120
–130
–110
–100
–90
–80
–70
–60
–50
–40
–30
VOUT, dm = 2V p-p
HD3, RF = RG = 499Ω
HD2, RF = RG = 499Ω
HD3, RF = RG = 1kΩ
HD2, RF = RG = 1kΩ
Figure 36. Harmonic Distortion vs. Frequency for Various RF and RG (LFCSP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com