Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC451LP3 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC451LP3
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC451LP3 Datasheet(HTML) 4 Page - Analog Devices

  HMC451LP3 Datasheet HTML 1Page - Analog Devices HMC451LP3 Datasheet HTML 2Page - Analog Devices HMC451LP3 Datasheet HTML 3Page - Analog Devices HMC451LP3 Datasheet HTML 4Page - Analog Devices HMC451LP3 Datasheet HTML 5Page - Analog Devices HMC451LP3 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
4
HMC451LP3 / 451LP3E
v01.0118
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 5 - 18 GHz
Absolute Maximum Ratings
Drain Bias Voltage (Vdd
1 = Vdd2)
+5.5V
rf input power (rfin)(Vdd = +5Vdc)
+10 dBm
Channel Temperature
175 °C
Continuous pdiss (T = 85 °C)
(derate 12.8 mw/°C above 85 °C)
1.15 w
Thermal resistance
(channel to ground paddle)
78 °C/w
storage Temperature
-65 to +150 °C
operating Temperature
-40 to +85 °C
esD sensitivity (HBm)
Class 1A, passed 250V
Vdd
1 = Vdd2 (V)
idd
1 + idd2
(mA)
+4.5
120
+5.0
122
+5.5
124
note: Ampliier will operate over full voltage range shown above
Typical Supply Current vs. Vdd
1 = Vdd2
eleCTrosTATiC sensiTiVe DeViCe
oBserVe HAnDlinG preCAUTions
Outline Drawing
part number
package Body material
lead finish
msl rating
package marking
[3]
HmC451lp3
low stress injection molded plastic
sn/pb solder
msl1
[1]
451
XXXX
HmC451lp3e
roHs-compliant low stress injection molded plastic
100% matte sn
msl1
[2]
451
XXXX
[1] max peak relow temperature of 235 °C
[2] max peak relow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
3.10
3.00 SQ
2.90
0.30
0.25
0.20
1.95
1.70 SQ
1.50
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
0.45
0.40
0.35
0.05 MAX
0.02 NOM
0.20 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.90
0.85
0.80
COMPLIANT WITH JEDEC STANDARDS MO-220-VEED-4.
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
SEATING
PLANE
PIN 1
INDICATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
16-lead lead frame chip scale package [lfCsp]
3 mm × 3 mm Body and 0.85 mm package Height
(HCp-16-1)
Dimensions shown in millimeters.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com