Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC451LP3 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC451LP3
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC451LP3 Datasheet(HTML) 1 Page - Analog Devices

  HMC451LP3 Datasheet HTML 1Page - Analog Devices HMC451LP3 Datasheet HTML 2Page - Analog Devices HMC451LP3 Datasheet HTML 3Page - Analog Devices HMC451LP3 Datasheet HTML 4Page - Analog Devices HMC451LP3 Datasheet HTML 5Page - Analog Devices HMC451LP3 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
HMC451LP3 / 451LP3E
v01.0118
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 5 - 18 GHz
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Speciications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
General Description
Features
Functional Diagram
The HmC451lp3(e) is an efficient GaAs pHemT
mmiC medium power Ampliier housed in a leadless
roHs compliant smT package. operating between
5 and 18 GHz, the ampliier provides 18 dB of gain,
+21 dBm of saturated power and 18% pAe from a
single +5V supply. This 50 ohm matched ampliier
does not require any external components and the
rf i/o’s are DC blocked, making it an ideal linear
gain block or lo driver for HmC mixers. The
HmC451lp3(e) eliminates the need for wire bonding,
and allows the use of surface mount manufacturing
techniques.
Gain: 18 dB
saturated power: +21 dBm @ 18% pAe
output ip3: +28 dBm
single supply: +5V @ 120 mA
50 ohm matched input/output
16 lead 3x3mm smT package: 9mm²
Electrical Speciications, T
A = +25° C, Vdd1 = Vdd2 = +5V
Typical Applications
The HmC451lp3(e) is ideal for:
• microwave radio & VsAT
• military & space
• Test equipment & sensors
• fiber optics
• lo Driver for HmC mixers
parameter
min.
Typ.
max.
min.
Typ.
max.
Units
frequency range
5 - 16
16 - 18
GHz
Gain
15
18
12.5
16
dB
Gain Variation over Temperature
0.02
0.03
0.02
0.03
dB/ °C
input return loss
13
13
dB
output return loss
12
8
dB
output power for 1 dB
Compression (p1dB)
16.5
19.5
16
19
dBm
saturated output power (psat)
21
20
dBm
output Third order intercept (ip3)
28
25
dBm
noise figure
7
7
dB
supply Current (idd)
120
150
120
150
mA


Similar Part No. - HMC451LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC451LP3 HITTITE-HMC451LP3 Datasheet
931Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 18 GHz
HMC451LP3E HITTITE-HMC451LP3E Datasheet
931Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 18 GHz
More results

Similar Description - HMC451LP3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC441LC3B AD-HMC441LC3B Datasheet
1Mb / 7P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LH5 AD-HMC441LH5 Datasheet
1Mb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC441LP3E AD-HMC441LP3E Datasheet
1Mb / 7P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER,
HMC442LC3B AD-HMC442LC3B Datasheet
353Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC1082LP4E AD-HMC1082LP4E Datasheet
796Kb / 10P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER
HMC-ABH264 AD-HMC-ABH264 Datasheet
371Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC383 AD-HMC383 Datasheet
286Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC451 AD-HMC451 Datasheet
299Kb / 6P
GAAS PHEMT MMIC MEDIUM POWER AMPLIFIER
HMC451LC3 AD-HMC451LC3 Datasheet
317Kb / 6P
Gaas PHEMT MMIC MEDIUM POWER aMPLIFIER
HMC499 AD-HMC499 Datasheet
288Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com