Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8580 Datasheet(PDF) 13 Page - Linear Technology

Part # LT8580
Description  Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8580 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT8580 Datasheet HTML 9Page - Linear Technology LT8580 Datasheet HTML 10Page - Linear Technology LT8580 Datasheet HTML 11Page - Linear Technology LT8580 Datasheet HTML 12Page - Linear Technology LT8580 Datasheet HTML 13Page - Linear Technology LT8580 Datasheet HTML 14Page - Linear Technology LT8580 Datasheet HTML 15Page - Linear Technology LT8580 Datasheet HTML 16Page - Linear Technology LT8580 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LT8580
13
8580fa
For more information www.linear.com/LT8580
applicaTions inForMaTion
As with any feedback loop, identifying the gain and phase
contribution of the various elements in the loop is critical.
Figure5showsthekeyequivalentelementsofaboostcon-
verter. Because of the fast current control loop, the power
stage of the IC, inductor and diode have been replaced by
a combination of the equivalent transconductance ampli-
fier gmp and the current controlled current source which
converts IVIN to (hVIN/VOUT) • IVIN. gmp acts as a current
source where the peak input current, IVIN, is proportional
to the VC voltage. h is the efficiency of the switching
regulator, and is typically about 85%.
Note that the maximum output currents of gmpandgmaare
finite.ThelimitsforgmpareintheElectricalCharacteristics
section (switch current limit), and gmaisnominallylimited
to about +15µA and –17µA.
Figure 5. Boost Converter Equivalent Model
–
+
gma
RC
RO
R2
R2
CC: COMPENSATION CAPACITOR
COUT: OUTPUT CAPACITOR
CPL: PHASE LEAD CAPACITOR
CF: HIGH FREQUENCY FILTER CAPACITOR
gma: TRANSCONDUCTANCE AMPLIFIER INSIDE IC
gmp: POWER STAGE TRANSCONDUCTANCE AMPLIFIER
RC: COMPENSATION RESISTOR
RL: OUTPUT RESISTANCE DEFINED AS VOUT DIVIDED BY ILOAD(MAX)
RO: OUTPUT RESISTANCE OF gma
R1, R2: FEEDBACK RESISTOR DIVIDER NETWORK
RESR: OUTPUT CAPACITOR ESR
η: CONVERTER EFFICIENCY (~85% AT HIGHER CURRENTS)
8580 F05
R1
FBX
COUT
CPL
RL
RESR
VOUT
IVIN
VC
CC
CF
gmp
1.204V
REFERENCE
η • VIN
VOUT
•IVIN
From Figure 5, the DC gain, poles and zeros can be cal-
culated as follows:
Output Pole: P1=
2
2 • π • RL • COUT
Error AmpPole: P2 =
1
2 • π • RO +RC
[
] • CC
Error Amp Zero: Z1=
1
2 • π • RC• CC
DC Gain:
(Breaking Loop at FBX Pin)
ADC = AOL(0) =
∂VC
∂VFBX
• ∂IVIN
∂VC
•
∂VOUT
∂IVIN
• ∂VFBX
∂VOUT
=
gma • R0
(
)• gmp• h •
VIN
VOUT
• RL
2
⎛
⎝
⎜
⎞
⎠
⎟ •
0.5R2
R1+ 0.5R2
ESR Zero: Z2 =
1
2 • π • RESR • COUT
RHP Zero: Z3 =
VIN2 • RL
4 • π • VOUT
2
• L
HighFrequency Pole: P3 >
fS
3
Phase Lead Zero: Z4 =
1
2 • π • R1• CPL
Phase LeadPole: P4 =
1
2 • π •
R1• R2
2
R1+ R2
2
• CPL
Error Amp Filter Pole:
P5 =
1
2 • π • RC • RO
RC +RO
• CF
,CF <
CC
10
The current mode zero (Z3) is a right-half plane zero
which can be an issue in feedback control design, but is
manageable with proper external component selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com