Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8580 Datasheet(PDF) 24 Page - Linear Technology

Part # LT8580
Description  Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8580 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT8580 Datasheet HTML 20Page - Linear Technology LT8580 Datasheet HTML 21Page - Linear Technology LT8580 Datasheet HTML 22Page - Linear Technology LT8580 Datasheet HTML 23Page - Linear Technology LT8580 Datasheet HTML 24Page - Linear Technology LT8580 Datasheet HTML 25Page - Linear Technology LT8580 Datasheet HTML 26Page - Linear Technology LT8580 Datasheet HTML 27Page - Linear Technology LT8580 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LT8580
24
8580fa
For more information www.linear.com/LT8580
Typical applicaTions
1.5MHz, 5V to 12V Output Boost Converter
50mA to 150mA to 50mA Output Load Step
Efficiency and Power Loss
COUT
4.7µF
VOUT
12V
200mA
L1
15µH
D1
130k
VIN
5V
VIN
SW
8580 TA02a
LT8580
10k
6.04k
56.2k
SHDN
GND
FBX
VC
SYNC
SS
RT
3.3nF
47pF
0.22µF
L1: WÜRTH 15µH WE-LQS 74404054150
D1: DIODES INC. SBR1U40LP
CIN: 2.2µF, 35V, 0805, X7R
COUT: 4.7µF, 16V, 0805, X7R
CIN
2.2µF
LOAD CURRENT (mA)
0
20
40
50
60
100
100
8580 TA02b
30
50
150
200
70
80
90
0
180
300
480
240
60
120
380
420
EFFICIENCY
POWER LOSS
VOUT
500mV/DIV
AC-COUPLED
ISTEP
100mA/DIV
IL1
500mA/DIV
100µs/DIV
8580 TA02c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com