Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3265 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3265
Description  Low Noise Dual Supply with Boost and Inverting Charge Pumps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3265 Datasheet(HTML) 2 Page - Linear Technology

  LTC3265 Datasheet HTML 1Page - Linear Technology LTC3265 Datasheet HTML 2Page - Linear Technology LTC3265 Datasheet HTML 3Page - Linear Technology LTC3265 Datasheet HTML 4Page - Linear Technology LTC3265 Datasheet HTML 5Page - Linear Technology LTC3265 Datasheet HTML 6Page - Linear Technology LTC3265 Datasheet HTML 7Page - Linear Technology LTC3265 Datasheet HTML 8Page - Linear Technology LTC3265 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3265
2
3265fa
For more information www.linear.com/LTC3265
ABSOLUTE MAXIMUM RATINGS
VIN_P, EN+, EN–, MODE .............................. –0.3V to 18V
VOUT+, VIN_N .............................................. –0.3V to 36V
LDO+............................................................–16V to 36V
VOUT–, LDO–............................................... –36V to 0.3V
RT, ADJ+ ...................................................... –0.3V to 6V
BYP+ ......................................................... –0.3V to 2.5V
ADJ– ............................................................ –6V to 0.3V
(Notes 1, 3)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3265EDHC#PBF
LTC3265EDHC#TRPBF
3265
18-Lead (5mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3265IDHC#PBF
LTC3265IDHC#TRPBF
3265
18-Lead (5mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3265HDHC#PBF
LTC3265HDHC#TRPBF
3265
18-Lead (5mm
× 3mm) Plastic DFN
–40°C to 150°C
LTC3265MPDHC#PBF
LTC3265MPDHC#TRPBF 3265
18-Lead (5mm
× 3mm) Plastic DFN
–55°C to 150°C
LTC3265EFE#PBF
LTC3265EFE#TRPBF
LTC3265
20-Lead Plastic TSSOP
–40°C to 125°C
LTC3265IFE#PBF
LTC3265IFE#TRPBF
LTC3265
20-Lead Plastic TSSOP
–40°C to 125°C
LTC3265HFE#PBF
LTC3265HFE#TRPBF
LTC3265
20-Lead Plastic TSSOP
–40°C to 150°C
LTC3265MPFE#PBF
LTC3265MPFE#TRPBF
LTC3265
20-Lead Plastic TSSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
18
17
16
15
14
13
12
11
10
19
GND
1
2
3
4
5
6
7
8
9
VOUT+
LDO+
ADJ+
BYP+
MODE
EN+
RT
VIN_N
CINV+
CBST–
CBST+
VIN_P
EN–
BYP–
ADJ–
LDO–
VOUT–
CINV–
TOP VIEW
DHC PACKAGE
18-LEAD (5mm
× 3mm) PLASTIC DFN
TJMAX = 150°C, θJA = 42°C/W
EXPOSED PAD (PIN 19) IS GND, MUST BE SOLDERED TO PCB
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
NC
CBST–
CBST+
VIN_P
EN–
BYP–
ADJ–
LDO–
VOUT–
CINV–
VOUT+
LDO+
ADJ+
BYP+
MODE
EN+
RT
VIN_N
CINV+
NC
21
GND
TJMAX = 150°C, θJA = 38°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
BYP– ......................................................... –2.5V to 0.3V
LDO± Short-Circuit Duration ............................ Indefinite
Operating Junction Temperature Range
(Note 2).................................................. –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
FE Only .............................................................300°C
(http://www.linear.com/product/LTC3265#orderinfo)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com