Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3265 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3265
Description  Low Noise Dual Supply with Boost and Inverting Charge Pumps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3265 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3265 Datasheet HTML 12Page - Linear Technology LTC3265 Datasheet HTML 13Page - Linear Technology LTC3265 Datasheet HTML 14Page - Linear Technology LTC3265 Datasheet HTML 15Page - Linear Technology LTC3265 Datasheet HTML 16Page - Linear Technology LTC3265 Datasheet HTML 17Page - Linear Technology LTC3265 Datasheet HTML 18Page - Linear Technology LTC3265 Datasheet HTML 19Page - Linear Technology LTC3265 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC3265
20
3265fa
For more information www.linear.com/LTC3265
LINEAR TECHNOLOGY CORPORATION 2015
LT 0316 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC3265
RELATED PARTS
TYPICAL APPLICATION
Low Noise +7V/–2V Power Supply from a Single-Ended 5V Input Supply (Frequency = 200kHz)
PART NUMBER
DESCRIPTION
COMMENTS
LTC1144
Switched-Capacitor Wide Input Range Voltage Converter with
Shutdown
Wide Input Voltage Range: 2V to 18V, ISD < 8µA,
SO8 Package
LTC1514/LTC1515
Step-Up/Step-Down Switched Capacitor DC/DC Converters
VIN: 2V to 10V, VOUT: 3.3V to 5V, IQ = 60µA, SO8 Package
LT®1611
150mA Output, 1.4MHz Micropower Inverting Switching Regulator
VIN: 0.9V to 10V, VOUT = ±34V, ThinSOT™ Package
LT1614
250mA Output, 600kHz Micropower Inverting Switching Regulator
VIN: 0.9V to 6V, VOUT = ±30V, IQ = 1mA,
MS8, SO8 Packages
LTC1911
250mA, 1.5MHz Inductorless Step-Down DC/DC Converter
VIN: 2.7V to 5.5V, VOUT = 1.5V/1.8V, IQ = 180µA,
MS8 Package
LTC3250/LTC3250-1.2
LTC3250-1.5
Inductorless Step-Down DC/DC Converter
VIN: 3.1V to 5.5V, VOUT = 1.2V, 1.5V, IQ = 35µA,
ThinSOT Package
LTC3251
500mA Spread Spectrum Inductorless Step-Down DC/DC Converter VIN: 2.7V to 5.5V, VOUT: 0.9V to 1.6V, 1.2V, 1.5V,
IQ = 9µA, MS10E Package
LTC3252
Dual 250mA, Spread Spectrum Inductorless Step-Down DC/DC
Converter
VIN: 2.7V to 5.5V, VOUT: 0.9V to 1.6V, IQ = 50µA,
DFN12 Package
LT1054/LT1054L
Switched Capacitor Voltage Converter with Regulator
VIN: 3.5V to 15V/7V, IOUT = 100mA/125mA, N8, S08,
SO16 Packages
LTC3260
Low Noise Dual Supply Inverting Charge Pump
VIN: 4.5V to 32V, ILDO± = 50mA, DE14, MSE16 Packages
LTC3261
High Voltage, Low Quiescent Current Inverting Charge Pump
VIN: 4.5V to 32V, IOUT = 100mA, MSE12 Package
LTC3200/LTC3200-5
Low Noise Doubler Charge Pump
IOUT = 100mA, 2MHz Fixed Frequency, MS8 and ThinSOT
(LTC3200-5) Packages
VIN_N
CBST+ CBST–
200k
LTC3265
RT
1µF
VOUT+
VIN_P
10µF
10µF
10µF
7V
5V
–2V
3265 TA02
497k
100k
100k
66.5k
100nF
100nF
10µF
1µF
10µF
LDO+
EN+
ADJ+
EN–
BYP+
MODE
GND
CINV+
BYP–
CINV–
ADJ–
VOUT–
LDO–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com