Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4367 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4367
Description  100V Overvoltage, Undervoltage and Reverse Supply Protection Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4367 Datasheet(HTML) 1 Page - Linear Technology

  LTC4367 Datasheet HTML 1Page - Linear Technology LTC4367 Datasheet HTML 2Page - Linear Technology LTC4367 Datasheet HTML 3Page - Linear Technology LTC4367 Datasheet HTML 4Page - Linear Technology LTC4367 Datasheet HTML 5Page - Linear Technology LTC4367 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc2417af
DEMO MANUAL DC2417A
DESCRIPTION
LTC4367
100V Overvoltage, Undervoltage and
Reverse Supply Protection Controller
Demonstration circuit 2417A is intended to demonstrate
the performance of the LTC4367 100V overvoltage (OV),
undervoltage(UV),andreversesupplyprotectioncontroller.
This controller protects circuits from input voltages
that may be too high, too low or negative. It operates
by controlling the gates of two back-to-back connected
N-channel MOSFETs to keep the output in a safe range.
The UV and OV setpoints are configured by the resistive
divider on the UV and OV inputs. Asserting the SHDN pin
disables the MOSFETs and places the LTC4367 in a low
current shutdown state. The FAULT pin asserts when the
controller is in the shutdown mode or when the input
voltage is outside of the UV/OV window. The LTC4367 L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
PERFORMANCE SUMMARY
can withstand DC voltages between –40V and 100V and
has an operating range of 2.5V to 60V.
The DC2417A includes the LTC4367, two back-to-back
connected power MOSFETs, three jumpers and three
LEDs to indicate the input and output voltages and the
FAULT pin signal.
The DC2417A is assembled in two options: DC2417A-A,
which is populated with LTC4367, and DC2417A-B, which
uses LTC4367-1.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2417A
Specifications are at TA = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
Operating Range
Protection Range
2.5
–40
60
100
V
V
VIN(UVLO)
Input Supply Undervoltage Lockout
VIN Rising
1.8
2.2
2.4
V
IVIN
Input Supply Current; On
Off
SHDN = 2.5V
SHDN = 0V, VIN = VOUT
30
5
90
20
µA
µA
IVIN(R)
Reverse Input Supply Current
VIN = –40V, VOUT = 0V
–1.5
–2
mA
∆VGATE
Gate Drive (GATE – VOUT)
VIN = VOUT = 5.0V, IGATE = 0μA, –1μA
VIN = VOUT = 12V to 34V, IGATE = –1µA
7.2
10
8.7
11
10.8
12.2
V
V
IGATE(UP)
Gate Pull-Up Current
GATE = 15V, VIN = VOUT = 12V
–20
–35
–50
µA
IGATE(FAST)
Gate Fast Pull-Down Current
GATE = 20V, VIN = VOUT = 12V
30
60
90
mA
IGATE(SLOW)
Gate Slow Pull-Down Current
GATE = 20V, VIN = VOUT = 12V
50
90
160
µA
VUV
UV Input Threshold Voltage
UV Falling
492.5
500
507.5
mV
VOV
OV Input Threshold Voltage
OV Rising
492.5
500
507.5
mV
tGATE(FAST)
Gate Fast Turn-Off Delay
CGATE = 2.2nF, UV or OV Fault
2
4
µs
tFAULT
OV, UV Fault Propagation Delay
Overdrive = 50mV, VIN = VOUT = 12V
1
2
µs
VSHDN
SHDN Input Threshold
SHDN Falling
0,4
0.75
1.2
V
VUV_BOARD
Board UV Range
5.75
5.97
6.17
V
VOV_BOARD
Board OV Range
14.44
14.95
15.47
V


Similar Part No. - LTC4367

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4367 AD-LTC4367 Datasheet
1Mb / 22P
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
06/19-REV.B
LTC4367 AD-LTC4367 Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
03/20-REV.E
LTC4367 AD-LTC4367 Datasheet
2Mb / 24P
Low Quiescent Current Surge Stopper with 9m廓 MOSFET
LTC4367 AD-LTC4367 Datasheet
1Mb / 22P
65V Dual Electronic Circuit Breaker with Current Monitors
LTC4367 AD-LTC4367 Datasheet
1Mb / 32P
140V High Efficiency Switching Surge Stopper
More results

Similar Description - LTC4367

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6399 MAXIM-MAX6399 Datasheet
637Kb / 10P
High-Voltage, Overvoltage/Undervoltage, Protection Switch Controller
Rev 1; 3/06
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
Overvoltage Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
Overvoltage Protection Controller
LTC4365 LINER-LTC4365_15 Datasheet
501Kb / 20P
Overvoltage, Undervoltage and Reverse Supply Protection Controller
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
Linear Technology
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
Overvoltage Protection Controller
logo
Analog Devices
LT8228 AD-LT8228 Datasheet
3Mb / 68P
Bidirectional Synchronous 100V Buck/Boost Controller with Reverse Supply, Reverse Current and Fault Protection
logo
Maxim Integrated Produc...
MAX16126EVKIT MAXIM-MAX16126EVKIT Datasheet
462Kb / 10P
Adjustable Undervoltage and Overvoltage Thresholds
Rev 1; 7/16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com