Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4367 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4367
Description  100V Overvoltage, Undervoltage and Reverse Supply Protection Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4367 Datasheet(HTML) 2 Page - Linear Technology

  LTC4367 Datasheet HTML 1Page - Linear Technology LTC4367 Datasheet HTML 2Page - Linear Technology LTC4367 Datasheet HTML 3Page - Linear Technology LTC4367 Datasheet HTML 4Page - Linear Technology LTC4367 Datasheet HTML 5Page - Linear Technology LTC4367 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc2417af
DEMO MANUAL DC2417A
OPERATING PRINCIPLES
QUICK START PROCEDURE
The LTC4367 monitors the input voltage and disconnects
downstream circuits when the input voltage is too low, too
highornegative.TheLTC4367providesaccurateovervolt-
age and undervoltage comparators to ensure that power
is applied to the system only if the input supply is within
the allowable voltage window. Reverse supply protection
circuits automatically isolate the load from negative input
voltages.
DC2417A is easy to set up to evaluate the performance of
the LTC4367. Refer to Figure 1 for proper measurement
equipment setup and follow the procedure below.
Reverse Voltage Tests
1 Set JP1 to EN.
2 Set JP2 and JP3 to CONNECT LED.
3 Connect a power supply across VIN and GND in nega-
tive configuration (connect positive terminal to GND
and negative terminal to VIN).
4 Connect voltmeters at the input and output and an
ammeter in series with the supply.
5 Ramp VIN down to –30V (referenced to GND).
6 Verify output voltage is 0V and all LEDs are off.
7 Set JP2 and JP3 to OPEN position and measure the
input current. It should be ≤2.4mA.
8 Ramp VIN back to 0V and set JP2 and JP3 to CONNECT
LED position.
Undervoltage/Overvoltage Test
9 Correct the polarity of the power supply connection
across VIN to GND (connect positive terminal to VIN
and negative terminal to GND).
During normal operation, a high voltage charge pump en-
hancesthegateoftheexternalN-channelpowerMOSFETs.
The LTC4367 consumes 5μA during shutdown and 70μA
while operating.
10 Ramp supply up to 60V and verify that the green VIN
LED and the red FAULT LED light up, but the green
VOUT LED, does not light up.
11 Ramp supply down from 60V to 0V and verify the green
VIN LED, red FAULT LED, green VOUT LED, and VOUT
voltage according to Table 1 below.
12 Repeat steps 10 and 11 with a 3 A resistive load con-
nected between VOUT and GND.
Table 1
VIN
VOUT
VIN LED
VOUT LED
FAULT LED
0V to 5.97V
0V
Off/Dim/On
Off
On
5.97V to 14.95V
VIN
On
On
Off
14.95V to 60V
0V
On
Off
On
13 Remove load and set supply to 9V.
14 Move jumpers and verify LEDs according to Table 2
below.
Table 2
JP1
JP2/JP3
VIN LED
VOUT LED
EN
CONNECT LED
On
On
DIS
CONNECT LED
On
Off
EN
OPEN
Off
Off



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com