Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP50N20PM Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP50N20PM
Description  N-Channel Enhancement Mode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP50N20PM Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP50N20PM Datasheet HTML 1Page - IXYS Corporation IXTP50N20PM Datasheet HTML 2Page - IXYS Corporation IXTP50N20PM Datasheet HTML 3Page - IXYS Corporation IXTP50N20PM Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTP50N20PM
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
7,005,734B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
7,063,975B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728B1
6,583,505
6,710,463
6,771,478B2 7,071,537
Terminals: 1 - Gate
2 - Drain
3 - Source
1
2 3
OVERMOLDED TO-220
(IXTP...M)
Note 1. Pulse test, t
 300s, duty cycle, d 2%.
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
I
S
V
GS = 0V
50
A
I
SM
Repetitive, Pulse Width Limited by T
JM
200
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
150
ns
Q
RM
2
C
I
F = 25A, -di/dt = 100A/μs
V
R = 100V
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
g
fs
V
DS = 10V, ID = 25A,
Note 1
12
23
S
C
iss
2720
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
490
pF
C
rss
105
pF
t
d(on)
26
ns
t
r
35
ns
t
d(off)
70
ns
t
f
30
ns
Q
g(on)
70
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 25A
17
nC
Q
gd
37
nC
R
thJC
1.66
C/W
R
thCS
0.50
C/W
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 25A
R
G =10 (External)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com