Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP50N20PM Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTP50N20PM
Description  N-Channel Enhancement Mode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP50N20PM Datasheet(HTML) 3 Page - IXYS Corporation

  IXTP50N20PM Datasheet HTML 1Page - IXYS Corporation IXTP50N20PM Datasheet HTML 2Page - IXYS Corporation IXTP50N20PM Datasheet HTML 3Page - IXYS Corporation IXTP50N20PM Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2018 IXYS CORPORATION, All Rights Reserved
IXTP50N20PM
Fig. 1. Output Characteristics @ TJ = 25
oC
0
5
10
15
20
25
30
35
40
45
50
00.5
11.5
22.5
33.5
VDS - Volts
VGS = 10V
7V
8V
9V
6V
Fig. 3. Output Characteristics @ TJ = 150
oC
0
5
10
15
20
25
30
35
40
45
50
0123
45678
VDS - Volts
VGS = 10V
8V
7V
5V
6V
9V
Fig. 4. RDS(on) Normalized to ID = 25A Value vs.
Junction Temperature
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
VGS = 10V
I D = 50A
I D = 25A
Fig. 5. RDS(on) Normalized to ID = 25A Value vs.
Drain Current
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
1020
3040506070
8090
100
ID - Amperes
VGS = 10V
TJ = 125
oC
TJ = 25
oC
TJ = 175
oC
Fig. 2. Extended Output Characteristics @ TJ = 25
oC
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
VDS - Volts
VGS = 10V
7V
9V
6V
8V
Fig. 6. Input Admittance
0
10
20
30
40
50
60
70
80
90
100
34
5678
9
10
VGS - Volts
- 40
oC
VDS = 10V
TJ = 150
oC
25
oC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com