Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5087A Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5087A
Description  5.5V, 7A Low RDSON Load Switch with Programmable Current Limit, Power Good, and Output Discharge Function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5087A Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5087A Datasheet HTML 6Page - Monolithic Power Systems MP5087A Datasheet HTML 7Page - Monolithic Power Systems MP5087A Datasheet HTML 8Page - Monolithic Power Systems MP5087A Datasheet HTML 9Page - Monolithic Power Systems MP5087A Datasheet HTML 10Page - Monolithic Power Systems MP5087A Datasheet HTML 11Page - Monolithic Power Systems MP5087A Datasheet HTML 12Page - Monolithic Power Systems MP5087A Datasheet HTML 13Page - Monolithic Power Systems MP5087A Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
5.5V, 7A Low RDSON Load Switch with Programmable Current Limit, Power Good, and Output Discharge Function
MP5087A Rev. 1.0
www.MonolithicPower.com
12
7/18/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
ILIM Resistor Selection
The current limit value can be set by ILIM
resistor. The current limit can be gotten by
equation (1).
The current limit threshold is suggested to 10%
~ 20% higher than maximum load current. For
example, if the system’s full load is 7A, set the
current limit to 7.7A.
ILIM Capacitor Selection
The internal advanced auto-zero comparator
bring a high accuracy of current limit. The auto-
zero will also cause some little jitter on ILIM pin.
To get a more stable ILIM, a small ceramic
capacitor can be mounted between ILIM and
ground. Suggested place a ILIM capacitor less
than 1nF.
Soft Start Capacitor Selection
There is an internal 9µA constant current
source charge SS cap and ramps up the
voltage on the SS pin. The output voltage rises
follow 3 times the slew rate of SS voltage.
If the inrush on output current reached the
current limit during start up (like with large
output cap or very large load), MP5087A will
limit the output current and the same time, SS
time will be increased (Figure 2 and Figure 3).
Soft Start @ Different Load
VOUT
Soft Start @ No Load
Soft Start @ Half Load
IIN
VOUT
IIN
VOUT
IIN
Soft Start @ Very large Load
Current Limit
Current Limit
Current Limit
Figure 2: Soft Start Periods at different load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com