Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5087A Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5087A
Description  5.5V, 7A Low RDSON Load Switch with Programmable Current Limit, Power Good, and Output Discharge Function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5087A Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5087A Datasheet HTML 6Page - Monolithic Power Systems MP5087A Datasheet HTML 7Page - Monolithic Power Systems MP5087A Datasheet HTML 8Page - Monolithic Power Systems MP5087A Datasheet HTML 9Page - Monolithic Power Systems MP5087A Datasheet HTML 10Page - Monolithic Power Systems MP5087A Datasheet HTML 11Page - Monolithic Power Systems MP5087A Datasheet HTML 12Page - Monolithic Power Systems MP5087A Datasheet HTML 13Page - Monolithic Power Systems MP5087A Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
5.5V, 7A Low RDSON Load Switch with Programmable Current Limit, Power Good, and Output Discharge Function
MP5087A Rev. 1.0
www.MonolithicPower.com
13
7/18/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Soft Start @ Different Output Capacitance
VOUT
Soft Start @ Small Capacitance
Soft Start @ Large Capacitance
IIN
VOUT
IIN
VOUT
IIN
Soft Start @ Very large
Capacitance
Current Limit
Current Limit
Current Limit
Figure 3: Soft Start Periods at different output
capacitance
Design Example
Some design examples are provided below.
See Table 1 and Figure 4.
Table 1
VIN
(V)
Max Load Range
(A)
RLIM
(kΩ)
SS cap
(nF)
SS time
(ms)
5
3
26.1
22
4
5
5
15.8
47
9
5
7.5
10.5
100
20
Figure 4: Typical Application Schematic
Layout Guide
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take below figure for reference (take schematic
in Figure 4 as an example). Place ILIM resistor
(R1 in Figure 4) close to ILIM pin, input cap
close to VCC pin. Put enough vias around IC to
achieve better thermal performance.
GND
EN
Vin
Vin
Vout
GND
GND
ILIM
VCC
C1
C2
C3
C4
C5
C6
R1
GND
GND
Figure 5: Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com