Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6233 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6233
Description  3.3V/5V, Dual-Channel 1.5A Current-Limited Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6233 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6233 Datasheet HTML 1Page - Monolithic Power Systems MP6233 Datasheet HTML 2Page - Monolithic Power Systems MP6233 Datasheet HTML 3Page - Monolithic Power Systems MP6233 Datasheet HTML 4Page - Monolithic Power Systems MP6233 Datasheet HTML 5Page - Monolithic Power Systems MP6233 Datasheet HTML 6Page - Monolithic Power Systems MP6233 Datasheet HTML 7Page - Monolithic Power Systems MP6233 Datasheet HTML 8Page - Monolithic Power Systems MP6233 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP6233
3.3V/5V, Dual-Channel 1.5A
Current-Limited Power Distribution Switch
MP6233 Rev. 1.0
www.MonolithicPower.com
1
8/21/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6233 Power Distribution Switch features
internal current limiting to prevent damage to
host devices due to faulty load conditions. The
MP6233 analog switch includes an 85mΩ
power MOSFET switch. It is available with
guaranteed current limits, making it ideal for
load switching applications. The MP6233 has
built-in protection for both over current and
increased thermal stress. For over current, the
device will limit the current by changing to a
constant current mode.
As the temperature increases as a result of
short circuit, the device will shut off. The device
will recover once the device temperature
reduces to approx 120
°C.
The MP6233 is available in MSOP8E package.
FEATURES
• 1.5A Continuous Current
• 2.7V to 5.5V Supply Range
• 140uA Quiescent Current
• 85mΩ MOSFET
• Thermal-Shutdown Protection
• Under-Voltage Lockout
• 8ms FLAG Deglitch Time
• No FLAG Glitch During Power Up
• Reverse Current Blocking
• UL Recognized: E322138
APPLICATIONS
• Portable GPS Device
• Notebook PC
• LCD TV
• Set-top-box
• Telecom and Network Systems
• PC Card Hot Swap
• USB Power Distribution
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
OUT2
MP6233
DUAL-CHANNEL
OUT1
1
2
3
4
5
6
7
8
3.3V/5V Input
To USB Controller
Output 1
Output 2
FLAG1
FLAG2
EN1
IN
GND
EN2
UL Recognized Component


Similar Part No. - MP6233

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6231 MPS-MP6231 Datasheet
303Kb / 12P
3.3V/5V, Dual-Channel 500mA Current-Limited Power Distribution Switches
MP6231DH MPS-MP6231DH Datasheet
303Kb / 12P
3.3V/5V, Dual-Channel 500mA Current-Limited Power Distribution Switches
MP6231DN MPS-MP6231DN Datasheet
303Kb / 12P
3.3V/5V, Dual-Channel 500mA Current-Limited Power Distribution Switches
MP6231DS MPS-MP6231DS Datasheet
303Kb / 12P
3.3V/5V, Dual-Channel 500mA Current-Limited Power Distribution Switches
MP6232DH MPS-MP6232DH Datasheet
303Kb / 12P
3.3V/5V, Dual-Channel 500mA Current-Limited Power Distribution Switches
More results

Similar Description - MP6233

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6205 MPS-MP6205 Datasheet
373Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62071 MPS-MP62071 Datasheet
293Kb / 11P
3.3V/5V, Single-Channel 0.8A Current-Limited Power Distribution Switch
MP62150 MPS-MP62150 Datasheet
602Kb / 10P
3.3V/5V, Single-Channel, 1.5A Current-Limited Power Distribution Switch
MP62170 MPS-MP62170 Datasheet
366Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62170-1 MPS-MP62170-1 Datasheet
382Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch with Output Discharge
MP62170-3 MPS-MP62170-3 Datasheet
384Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62260 MPS-MP62260 Datasheet
417Kb / 11P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com