Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6233DH Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6233DH
Description  3.3V/5V, Dual-Channel 1.5A Current-Limited Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6233DH Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6233DH Datasheet HTML 1Page - Monolithic Power Systems MP6233DH Datasheet HTML 2Page - Monolithic Power Systems MP6233DH Datasheet HTML 3Page - Monolithic Power Systems MP6233DH Datasheet HTML 4Page - Monolithic Power Systems MP6233DH Datasheet HTML 5Page - Monolithic Power Systems MP6233DH Datasheet HTML 6Page - Monolithic Power Systems MP6233DH Datasheet HTML 7Page - Monolithic Power Systems MP6233DH Datasheet HTML 8Page - Monolithic Power Systems MP6233DH Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP6233 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP6233 Rev. 1.0
www.MonolithicPower.com
5
8/21/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
CL = 2.2µF, VIN = 5.5V, TA = +25ºC, unless otherwise noted.
2.5
3
3.5
4
4.5
5
5.5
6
2.5
3
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Static Drain-Source
On-State Resistance vs.
Input Voltage
VEN=5V, ,IOUT=1.5A
Input to Output Voltage vs.
Load Current
VEN=5V
Current Limit vs.
Input Voltage
VEN=5V
Supply Current, Output
Enabled vs. Input Voltage
VEN=5V
OUTPUT CURRENT (A)
0
20
40
60
80
100
120
2.533.5
44.5
55.5
6
2.533.544.5
55.5
6
2.5
3
3.5
4
4.5
5
5.5
6
60
80
100
120
160
140
0
0.1
0.2
0.3
0.4
0.5
0.6
0
40
80
120
160
200
240
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1 5
2.2
2.2 5
2.3
2.3 5
2.4
2.4 5
2.5
2.5 5
0
0.5
1
1.5
2
2.5
3
3.5
4
2.2
2.4
2.6
2.8
3
3.2
2.5 3
3.5
4 4.5
5
5.5 6
INPUT VOLTAGE (V )
INPUT VOLTAGE (V )
Threshold Trip Current
vs. Input Voltage
VEN=5V
Current Limit Response
vs. Peak Current
VEN=5V
0
5
10
15
20
25
30
35
24
6
8
10
12
PEAK CURRENT (A)
Static Drain-Source On-State
Resistance Variation vs.
Ambient Temperature
VIN=5V, IO=0.1A
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
-45 -30 -15 0 15 30 45 60 75 90



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com