Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6233DH Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6233DH
Description  3.3V/5V, Dual-Channel 1.5A Current-Limited Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6233DH Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6233DH Datasheet HTML 2Page - Monolithic Power Systems MP6233DH Datasheet HTML 3Page - Monolithic Power Systems MP6233DH Datasheet HTML 4Page - Monolithic Power Systems MP6233DH Datasheet HTML 5Page - Monolithic Power Systems MP6233DH Datasheet HTML 6Page - Monolithic Power Systems MP6233DH Datasheet HTML 7Page - Monolithic Power Systems MP6233DH Datasheet HTML 8Page - Monolithic Power Systems MP6233DH Datasheet HTML 9Page - Monolithic Power Systems MP6233DH Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP6233 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP6233 Rev. 1.0
www.MonolithicPower.com
6
8/21/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5.5V , TA = +25ºC, unless otherwise noted. (continued)
Turn On Delay and Rise Time
with 0.1uF Load
VEN=5V,CL=0.1uF
EN
5V/div
VOUT
2V/div
VOUT
2V/div
IOUT
1A/div
VOUT
2V/div
1ms/div
Turn Off Delay and Fall Time
with 0.1uF Load
VEN=5V,CL=0.1uF
EN
5V/div
VOUT
2V/div
1s/div
IOUT
500mA/div
EN
5V/div
2ms/div
Turn On Delay and Rise Time
VEN=5V,RL=3.3 ,CL=2.2uF
VOUT
2V/div
EN
5V/div
Turn Off Delay and Fall Time
VEN=5V,RL=3.3 ,CL=2.2uF
EN
5V/div
Short Circuit Current,
Device Enabled into Short
VEN=5V,CL=2.2uF
Threshold Trip Current with
Ramped Load on Enabled Device
VEN=5V,CL=2.2uF
Ramped Load on Enabled Device
V
EN=5V,CL=2.2uF
IOUT
1A/div
Flag
5V/div
Inrush Current with Different
Load Capacitance
R L=3.3 ,VEN=5V,
Start up by EN
IOUT
500mA/div
EN
5V/div
1ms/div
2ms/div
Device
VEN=5V,CL=2.2uF
Flag
5V/div
IOUT
1A/div
2ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com