Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWP Datasheet(PDF) 3 Page - Schurter Inc.

Part # SWP
Description  Voltage selector switch, 6 stages, step switch, panel mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

SWP Datasheet(HTML) 3 Page - Schurter Inc.

  SWP Datasheet HTML 1Page - Schurter Inc. SWP Datasheet HTML 2Page - Schurter Inc. SWP Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Voltage Selector
SWP
https://www.schurter.com /PG04
Fuses
All Variants
Letterings
Order Number
Stage 1
Stage 2
Stage 3
Stage 4
Stage 5
Stage 6
110 V
125 V
145 V
160 V
220 V
250 V
0033.1101
␣
␣
␣
␣
␣
␣
0033.1104
100 V
115 V
127 V
␣
220 V
240 V
0033.1108
100 V
115 V
120 V
220 V
240 V
␣
0033.1109
100 V
115 V
125 V
200 V
220 V
240 V
0033.1113
␣
100 V
115 V
220 V
240 V
␣
0033.1118
100 V
110 V
220 V
240 V
␣
␣
0033.1120
100 V
120 V
200 V
220 V
230 V
240 V
0033.1127
100 V
110 V
120 V
125 V
230 V
240 V
0033.1130
4
Ω
8
Ω
16
Ω
␣
␣
␣
0033.1133
█
110 V
220 V
230 V
␣
␣
␣
0033.1134
100
120
200
208
230
0
0033.1136
100
115
230
240
␣
␣
0033.1137
1
2
3
4
5
0
0033.1140
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-
Check-SCHURTER
Packaging Unit
25 Pcs
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com