Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWP Datasheet(PDF) 1 Page - Schurter Inc.

Part # SWP
Description  Voltage selector switch, 6 stages, step switch, panel mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

SWP Datasheet(HTML) 1 Page - Schurter Inc.

  SWP Datasheet HTML 1Page - Schurter Inc. SWP Datasheet HTML 2Page - Schurter Inc. SWP Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Voltage Selector
SWP
https://www.schurter.com /PG04
Fuses
Voltage selector switch, 6 stages, step switch, panel mounting
Approvals and Compliances
Description
- Voltage Selector , 6 stages
- Step switch
- Solder terminals
Technical Data
Ratings
IEC: 6.3 A / 250 VAC; 50 Hz
␣
UL: 10 A / 250 VAC; 60 Hz
␣
CSA: 8 A / 250 VAC; 60 Hz
Mounting
Panel Mount from front side
Fastening
Screw-on mounting
Terminal
Solder
Number of Stages
6
Lifetime
300 operating cycles (without load)
Degree of Protection
IP 40
Allowable Operation Tempe-
rature
-40 °C to 85 °C
Climatic Category
25/85/21 acc. to IEC 60068-1
Material: Socket
Thermoplastic, black, UL 94V-0
Weight
16.5 g
Solderability
350 °C / 2 sec acc. to IEC 60068-2-20,
Test Ta, method 2
Resistance to Soldering Heat
350 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb, method 2
Insulation Resistance
> 10'000M
Ω (500VDC; 1min)
Contact Resistance
< 10 m
Ω at 20 mV
Dielectric Strength
> 2.5kVAC between L-N
> 4kVAC between L/N-PE
(1min; 50Hz)
Clearance and Creepage Di-
stance
> 5mm
> 8mm between L/N-PE
Resistance to Vibration
acc. to IEC 60068-2-6, test Fc
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: SWP
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
Certificate Number: 40040798
UL Approvals
UL
UL File Number: NRNT2&8.E72661
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
UL 508
Industrial control equipment
Designed according to
CSA C22.2 no. 14
Fuseholder general requirements


Similar Part No. - SWP

ManufacturerPart #DatasheetDescription
logo
Eravant
SWP-11417402-06-S1 ERAVANT-SWP-11417402-06-S1 Datasheet
341Kb / 3P
WR-06 Waveguide Power Divider, 2-Way, 110 to 170 GHz
Rev 1.2
SWP-11417404-06-E1 ERAVANT-SWP-11417404-06-E1 Datasheet
468Kb / 3P
WR-06 Waveguide Power Divider, 4-Way Inline, 110 to 170 GHz
Rev 1.0
SWP-11417404-06-S1 ERAVANT-SWP-11417404-06-S1 Datasheet
492Kb / 3P
WR-06 Waveguide Power Divider, 4-Way Right Angle, 110 to 170 GHz
Rev 1.0
SWP-12419402-06-S1 ERAVANT-SWP-12419402-06-S1 Datasheet
512Kb / 3P
WR-06 Waveguide Power Divider, 2-Way, 115 to 190 GHz
Rev 1.0
SWP-14422402-05-S1 ERAVANT-SWP-14422402-05-S1 Datasheet
346Kb / 3P
WR-05 Waveguide Power Divider, 2-Way, 140 to 220 GHz
Rev 1.1
More results

Similar Description - SWP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4700DY VISHAY-SI4700DY Datasheet
76Kb / 8P
Power Selector Switch
24-Jan-00
logo
Schurter Inc.
SWZ1 SCHURTER-SWZ1 Datasheet
226Kb / 3P
Voltage selector switch, 6 stages, serie-parallel, panel mounting
SWA1 SCHURTER-SWA1 Datasheet
232Kb / 3P
Voltage selector switch, 2 stages, serie-parallel, panel mounting
SWA2 SCHURTER-SWA2 Datasheet
230Kb / 3P
Voltage selector switch, 2 stages, series-parallel, PCB mounting
SWM1 SCHURTER-SWM1 Datasheet
301Kb / 3P
Voltage selector switch, 3 stages, step switch, panel mounting
SWM2 SCHURTER-SWM2 Datasheet
232Kb / 3P
Voltage selector switch, 3 stages, step switch, PCB mounting
SWZ2 SCHURTER-SWZ2 Datasheet
229Kb / 3P
Voltage selector switch, 6 stages, serie-parallel, PCB mounting
logo
Festo Corporation.
HW-6-38 FESTO-HW-6-38 Datasheet
79Kb / 1P
Selector switch
logo
Schneider Electric
9001KS11BH27 SCHNEIDER-9001KS11BH27 Datasheet
78Kb / 1P
SELECTOR SWITCH
Aug 15, 2019
logo
Schurter Inc.
SWZ1 SCHURTER-SWZ1_V01 Datasheet
246Kb / 3P
Voltage selector switch, 6 stages, serie-parallel, panel mounting
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com