Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP020-5GS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP020-5GS
Description  85VAC~265VAC/50Hz, 5V/1A Off-line Primary-side-Regulator Cell phone Charger Evaluation Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP020-5GS Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP020-5GS Datasheet HTML 1Page - Monolithic Power Systems MP020-5GS Datasheet HTML 2Page - Monolithic Power Systems MP020-5GS Datasheet HTML 3Page - Monolithic Power Systems MP020-5GS Datasheet HTML 4Page - Monolithic Power Systems MP020-5GS Datasheet HTML 5Page - Monolithic Power Systems MP020-5GS Datasheet HTML 6Page - Monolithic Power Systems MP020-5GS Datasheet HTML 7Page - Monolithic Power Systems MP020-5GS Datasheet HTML 8Page - Monolithic Power Systems MP020-5GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
EV020-5-S-00A – UNIVERSAL INPUT, 5W CELL PHONE CHARGER
EV020-5-S-00A Rev.1.02
www.MonolithicPower.com
5
11/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
CIRCUIT DESCRIPTION
The EV020-5-S-00A is configured in a single-
stage Flyback topology, it uses primary-side-
control which can mostly simplify the schematic
and get a cost effective BOM. It can also achieve
accurate constant voltage and constant current.
FR1 and CR1 compose the input stage. FR1 is
used to protect for the component failure or some
excessive short events, also it can restrain the
inrush current.
C1, L1 and C2 compose π filter to guarantee the
conducted EMI meet standard EN55022. R2, R3,
D1 and C3 compose the snubber circuit to
reduce drain-source voltage spike.
R4, C5, C6 and D2 are used as Vcc power
supply.
R5 and R6 are resistor divider for detecting
output voltage by sampling voltage on primary
auxiliary winding.
CY1 is Y capacitor lowering common mode noise
to make sure there is enough EMI margin. T1 is
power transformer, the structure of which is also
very important to pass EMI test.
D3, C8, C9, C10, L2 and R8 compose output
circuit. D3 is schottky diode for better efficiency.
C10 is ceramic capacitor for lower output voltage
ripple and R8 is dummy load, which is used for
good regulation. C8, L2 and C9 compose π filter
to restrain the output ripple.
R7 and C7 are used to depress the spike of
schottky.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com