Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP020-5GS Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP020-5GS
Description  85VAC~265VAC/50Hz, 5V/1A Off-line Primary-side-Regulator Cell phone Charger Evaluation Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP020-5GS Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP020-5GS Datasheet HTML 4Page - Monolithic Power Systems MP020-5GS Datasheet HTML 5Page - Monolithic Power Systems MP020-5GS Datasheet HTML 6Page - Monolithic Power Systems MP020-5GS Datasheet HTML 7Page - Monolithic Power Systems MP020-5GS Datasheet HTML 8Page - Monolithic Power Systems MP020-5GS Datasheet HTML 9Page - Monolithic Power Systems MP020-5GS Datasheet HTML 10Page - Monolithic Power Systems MP020-5GS Datasheet HTML 11Page - Monolithic Power Systems MP020-5GS Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
EV020-5-S-00A – UNIVERSAL INPUT, 5W CELL PHONE CHARGER
EV020-5-S-00A Rev.1.02
www.MonolithicPower.com
8
11/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Winding Order
Winding No.
Tape Layer Number
Start & End
Magnet Wire
Φ(mm)
Turns
NP
1
3→1
0.15mm * 1
127
NP_AU
1
5→4
0.18mm * 1
18
NC
1
4→nc
0.18mm * 3
7
NSEC1
1
10→6
0.6mm * 1 TIW
4
NSEC2
1
7→9
0.6mm * 1 TIW
4
Electrical Specifications
60 second, 60Hz, from PRI. to SEC.
3000VAC
60 second, 60Hz, from PRI. to CORE.
500VAC
Electrical Strength
60 second, 60Hz, from SEC. to CORE.
3000VAC
Primary Inductance
Pins 1 - 3, all other windings open, measured at 60kHz, 0.1
VRMS
1.6mH±10%
Primary Leakage Inductance
Pins 1 - 3 with all other pins shorted, measured at 60kHz.
0.1 VRMS
50μH±10%
Materials
Item
Description
1
Core: EE16, UI=2300±25%, AL=73.2.4nH/N
2±3% GAPPED, or equivalent
2
Bobbin: EE16, 5+5PIN 1 SECT TH, UL94V-0
3
Wire:Φ0.15mm,, 2UEW, Class B
4
Wire:Φ0.18mm,, 2UEW, Class B
5
Triple Insulation Wire: Φ0.60mm TIW
6
Tape: 8.0mm(W)×0.06mm(TH)
7
Varnish: JOHN C. DOLPH CO, BC-346A or equivalent
8
Solder Bar: CHEN NAN: SN99.5/Cu0.5 or equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com