Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1499GD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1499GD
Description  High-Efficiency, 5A Peak, 16V, 500kHz, Sync. Step-Down Converter Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1499GD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1499GD Datasheet HTML 1Page - Monolithic Power Systems MP1499GD Datasheet HTML 2Page - Monolithic Power Systems MP1499GD Datasheet HTML 3Page - Monolithic Power Systems MP1499GD Datasheet HTML 4Page - Monolithic Power Systems MP1499GD Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EV1499-D-00A – 16V, 500kHz, 5A PEAK STEP-DOWN CONVERTER
EV1499-D-00A Rev.1.0
www.MonolithicPower.com
2
7/24/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
33k
R8
40.2k
R1
10
R5
13k
R2
C3
2
1
L1
C2A
C2B
C2C
33pF
C6
C1B
C1A
0
R6
10
R7
1
VOUT
1
GND
1
VIN
C4
100k
R3
39k
R4
NS
C5
1
VCC
1
EN/SYNC
22nF
C7
1
SS
1
GND
GND
VOUT
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
NS
D1
GND
FB
1
VIN
9
SW
8
BST
4
EN/SYNC
3
VCC
2
SS
10
MP1499GD
NC
5
U1
C1C
GND
EV1499-D-00A BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer
Manufacturer P/N
2
C1A,C1B
22μF
Ceramic Cap., 25V,
X5R
1210
muRata
GRM32ER61E226KE15L
2
C2A,C2B
22μF
Ceramic Cap., 16V,
X5R
1206
muRata
GRM31CR61C226ME15L
2
C1C,
C2C
0.1μF
Ceramic Cap., 25V,
X7R
0805
muRata
GRM21BR71E104KA01L
2
C3,C4
0.1μF
Ceramic Cap., 16V,
X7R
0603
muRata
GRM188R71C104KA01D
C5
NS
1
C6
33pF
Ceramic Cap., 50V,
C0G
0603
muRata
GRM1885C1H330JA01D
1
C7
22nF
Ceramic Cap., 50V,
X7R
0603
muRata
GRM188R71H223KA01D
1
R1
40.2k
Thick Film Res., 1%
0603
Yageo
RL0603FR-0740K2L
1
R2
13k
Thick Film Res., 1%
0603
Yageo
RL0603FR-0713KL
1
R3
100k
Thick Film Res., 1%
0603
Yageo
RL0603FR-07100KL
1
R4
39k
Thick Film Res., 1%
0603
Yageo
RL0603FR-0739KL
1
R6
0Ω
Thick Film Res., 5%
0603
Yageo
RC0603FR-070RL
2
R5,R7
10Ω
Thick Film Res., 5%
0603
Yageo
RL0603FR-0710RL
1
R8
33k
Thick Film Res., 1%
0603
Yageo
RC0603FR-0733KL
D1
NS
1
L1
3.3μH
Inductor,DCR=17.2mΩ,
Is=11A
Wurth
744311330
1
U1
MP1499
GD
Synchronous Step-
Down Convert
QFN2×3
MPS
MP1499GD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com