Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1499GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1499GD
Description  High-Efficiency, 5A Peak, 16V, 500kHz, Sync. Step-Down Converter Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1499GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1499GD Datasheet HTML 1Page - Monolithic Power Systems MP1499GD Datasheet HTML 2Page - Monolithic Power Systems MP1499GD Datasheet HTML 3Page - Monolithic Power Systems MP1499GD Datasheet HTML 4Page - Monolithic Power Systems MP1499GD Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV1499-D-00A
High-Efficiency, 5A Peak, 16V, 500kHz,
Sync. Step-Down Converter Evaluation Board
EV1499-D-00A Rev.1.0
www.MonolithicPower.com
1
7/24/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
EV1499-D-00A
demonstrates
MPS’s
MP1499,
a
high-frequency,
synchronous,
rectified, step-down converter with built-in high-
side and low-side power MOSFETs. The
MP1499 offers a very compact solution to
achieve a 5A peak output current with excellent
load and line regulation over a wide input
supply range. The MP1499 has synchronous
mode operation for higher efficiency over the
output current load range.
Current-mode operation provides fast transient
response and eases loop stabilization.
Protective
features
include
over-current
protection and thermal shutdown.
The MP1499 is available in a space saving 10-
pin QFN (2×3mm) package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
5 – 16
V
Output Voltage
VOUT
3.3
V
Output Current
IOUT
5 (Peak)
A
FEATURES
 Wide 5V to 16V Operating Input Range
 70mΩ/25mΩ Low RDS(ON) Internal Power
MOSFET
 Proprietary Switching-Loss–Reduction
Technique
 Default 500kHz Switching Frequency
 Externally-Programmable Soft-Start
 Sync from 200kHz to 2MHz External Clock
 AAM Power Save Mode
 OCP Protection and Hiccup
 Thermal Shutdown
 Output Adjustable from 0.8V
 Available in an QFN10(2
×3mm) Package
APPLICATIONS
 Digital Set-Top Boxes
 Flat-Panel Television and Monitors
 Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
EV1499-D-00A EVALUATION BOARD
Board Number
MPS IC Number
EV1499-D-00A
MP1499GD
OUTPUT CURRENT(A)
Efficiency vs.
Output Current
VOUT=3.3V
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
10.00
VIN=16V
VIN=12V
VIN=5V


Similar Part No. - MP1499GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1499GD MPS-MP1499GD Datasheet
550Kb / 18P
High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
More results

Similar Description - MP1499GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1499 MPS-MP1499 Datasheet
550Kb / 18P
High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1474S MPS-MP1474S Datasheet
621Kb / 19P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
EV2225-J-00A MPS-EV2225-J-00A Datasheet
191Kb / 5P
High-Efficiency, 5A, 18V, 500kHz Sync. Step-Down Switch Evaluation Board
EV2228-J-00A MPS-EV2228-J-00A Datasheet
253Kb / 5P
High-Efficiency, 2A, 16V, 800kHz Sync. Step-Down Switch Evaluation Board
EV2233-J-00A MPS-EV2233-J-00A Datasheet
256Kb / 5P
High-Efficiency, 3A, 16V, 1.4MHz, Sync. Step-Down Switcher Evaluation Board
EV2240-J-00A MPS-EV2240-J-00A Datasheet
251Kb / 5P
High-Efficiency, 3A, 16V, 800kHz Sync. Step-Down Switch Evaluation Board
EV2276-D-00A MPS-EV2276-D-00A Datasheet
1Mb / 8P
High Efficiency, 8A,16V Synchronous Step-down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com