Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2145GD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2145GD
Description  5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2145GD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2145GD Datasheet HTML 1Page - Monolithic Power Systems MP2145GD Datasheet HTML 2Page - Monolithic Power Systems MP2145GD Datasheet HTML 3Page - Monolithic Power Systems MP2145GD Datasheet HTML 4Page - Monolithic Power Systems MP2145GD Datasheet HTML 5Page - Monolithic Power Systems MP2145GD Datasheet HTML 6Page - Monolithic Power Systems MP2145GD Datasheet HTML 7Page - Monolithic Power Systems MP2145GD Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EV2145-D-00A – 6A, 5.5V, 1.2MHZ, SYNC STEP-DOWN SWITCHER
EV2145-D-00A Rev.1.0
www.MonolithicPower.com
2
8/14/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
MP2145
GND
FB
VIN
C1
10uF
EN
VIN
2.8V to 5.5V
VOUT
1.2V/6A
SW
C6
22uF
R1
200k
R2
200k
PG
PG
L1
0.47uH
OUT
MODE/
VCON
MODE/
VCON
Ramp
C7
22uF
C2
10uF
3
uF
C
0.1
R3
R4
NS
NS
4
uF
C
1
5
NS
C
744373240047
NS
C8 C9 C10
NS NS
R5
R6
NS
100k
EV2145-D-00A BILL OF MATERIALS
Qty
RefDes
Value Description
Package
Manufacturer Manufacturer P/N
2
C1, C2
10μF
Ceramic Cap,10V,X5R
0805
muRata
GRM21BR61A106KE19L
1
C3
0.1μF
Ceramic Cap,16V,X7R
0603
muRata
GRM188R71C104KA01D
1
C4
1μF
Ceramic Cap,6.3V,X7R
0603
muRata
GRM188R60J105KA01D
2
C6,C7
22μF
Ceramic Cap,10V,X5R
0805
muRata
GRM21BR61A226ME51L
1
L1
0.47μH Inductor, 14.5A, 14mΩ
4x4mm
Wurth
744 373 240 047
1
R1
200K
Film Res,1%
0603
ROYAL
RL0603FR-07200KL
1
R2
200K
Film Res,1%
0603
ROYAL
RL0603FR-07200KL
1
R5
100K
Film Res,5%
0603
ROYAL
RC0603JR-07100KL
1
U1
MP2145
Synchronous step-down
switcher
QFN12
(2x3mm)
MPS
MP2145GD
0
C5,C8,
C9,C10,
R3,R4,R6
NS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com