Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2145GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2145GD
Description  5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2145GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2145GD Datasheet HTML 1Page - Monolithic Power Systems MP2145GD Datasheet HTML 2Page - Monolithic Power Systems MP2145GD Datasheet HTML 3Page - Monolithic Power Systems MP2145GD Datasheet HTML 4Page - Monolithic Power Systems MP2145GD Datasheet HTML 5Page - Monolithic Power Systems MP2145GD Datasheet HTML 6Page - Monolithic Power Systems MP2145GD Datasheet HTML 7Page - Monolithic Power Systems MP2145GD Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EV2145-D-00A
5.5V, 6A, 1.2MHz, High-Efficiency, 40μA IQ
Constant On-Time Synchronous,
Step-Down Switcher Evaluation Board
EV2145-D-00A Rev.1.0
www.MonolithicPower.com
1
8/14/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2145 is a monolithic, step-down, switch-
mode converter with internal power MOSFETs.
It can achieve up to 6A continuous output
current from a 2.8V-to-5.5V input voltage with
excellent load and line regulation. The output
voltage can be regulated to as low as 0.6V.
Constant-on-time
control
provides
a
fast
transient response and eases loop stabilization.
Fault condition protections include cycle-by-
cycle current limiting and thermal shutdown.
The MP2145 is available in a small QFN2×3mm
package and requires only a minimal number of
readily-available,
standard,
external
components.
The MP2145 is ideal for a wide range of
applications, including storage (SSD, HDD),
high-performance
DSPs,
FPGAs,
and
distributed power systems.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
(1)
VIN
2.8–5.5
V
Output Voltage
VOUT
1.2
V
Output Current
IOUT
6
A
Notes:
1) If VIN < 3.6V, need more input capacitors.
FEATURES
• Up to 6A Output Current
• Wide 2.8V-to-5.5V Operating Input Range
• 20mΩ and 12mΩ Internal Power MOSFETs
• 40µA Quiescent Current
• 1.2MHz Fixed Switching Frequency
• 1% Feedback Accuracy
• External Mode Control
• External VCON Control
• Adjustable Output from 0.6V
• 1.5ms Internal SS Time with Pre-Bias
Startup
• Cycle-by-Cycle Over Current Protection
• Short Circuit Protection with Hiccup Mode
• Stable with Low-ESR Output Ceramic
Capacitors
• Thermal Shutdown
• Available in a 2mm×3mm QFN Package
• Output Discharge Function
APPLICATIONS
• Storage (SSD, HDD)
• Portable Instruments
• Battery-Powered Devices
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV2145-D-00A EVALUATION BOARD
Board Number
MPS IC Number
EV2145-D-00A
MP2145GD


Similar Part No. - MP2145GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2145GD MPS-MP2145GD Datasheet
1Mb / 19P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
More results

Similar Description - MP2145GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2144 MPS-MP2144 Datasheet
363Kb / 14P
2A, 5.5V, 1.2MHz, 40A IQ, COT Synchronous Step Down Switcher
MP2143 MPS-MP2143 Datasheet
478Kb / 14P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP2145 MPS-MP2145 Datasheet
1Mb / 19P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP2147 MPS-MP2147 Datasheet
712Kb / 19P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MP9143 MPS-MP9143 Datasheet
483Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
EV2131-G-00A MPS-EV2131-G-00A Datasheet
490Kb / 6P
4A, 5.5V, 1.2MHz Synchronous Step-Down Switcher Evaluation Board
EV2143H-D-00A MPS-EV2143H-D-00A Datasheet
483Kb / 7P
3A, 5.5V, 2MHz Synchronous Step-Down Switcher Evaluation Board
EV2147-D-00A MPS-EV2147-D-00A Datasheet
496Kb / 8P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
EV2316-D-00A MPS-EV2316-D-00A Datasheet
883Kb / 9P
3A, 19V, Constant-On-Time Step-Down Switcher Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com