Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2149GJ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2149GJ
Description  6V, Dual 1A Low Quiescent Current SYNC Buck Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2149GJ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2149GJ Datasheet HTML 1Page - Monolithic Power Systems MP2149GJ Datasheet HTML 2Page - Monolithic Power Systems MP2149GJ Datasheet HTML 3Page - Monolithic Power Systems MP2149GJ Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV2149-J-00A–6V, DUAL 1A LOW QUIESCENT CURRENT SYNC BUCK REGULATOR
EV2149-J-00A Rev. 1.0
www.MonolithicPower.com
2
9/17/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
C6
10μF
R1
806k
IN
EN1
EN2
SW1
SW2
GND
FB1
FB2
C1
22μF
R2
412k
R3
806k
R4
825k
C8
10μF
VIN
5V
VOUT1
1.8V
VOUT2
1.2V
L1
1.5uH
L2
1.5uH
EN1
EN2
C2
22μF
C3A
NS
C3B
NS
C4
0.1uF
R5
100k
R6
100k
C7
10μF
C9
10μF
C5
0.1uF
EV2149-J-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
1
C1
22uF
Ceramic Cap., 16V,
20%, X5R
0805
muRata
GRM21BR60J226ME39L
1
C2
22uF
Ceramic Cap., 16V,
20%, X5R
0805
muRata
GRM21BR60J226ME39L
0
C3A
NS
0
C3B
NS
2
C4, C5
0.1uF
Ceramic Cap,
16V,X7R
0603
muRata
GRM188R71C104KA01D
4
C6, C7,
C8, C9
10uF
Ceramic Cap,
16V, 20%, X5R
0805
muRata
GRM21BR61A106KE19L
2
R1, R3
806k
Thick Film,
1/10W, 1%
0603
royal
RL0603FR-07806KL
1
R2
412k
Thick Film, 1/10W, 1%
0603
royal
RL0603FR-07412KL
1
R4
825k
Thick Film, 1/10W, 1%
0603
royal
RL0603FR-07825KL
2
R5, R6
100k
Thick Film, 1/10W, 1%
0603
royal
RL0603FR-07100KL
2
L1, L2
1.5uH
Inductor, 9.57mohm,
11.5A
Wurth
744312150
1
U1
DC-DC module
TSOT23-8
MPS
MP2149GJ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com