Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2149GJ Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2149GJ
Description  6V, Dual 1A Low Quiescent Current SYNC Buck Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2149GJ Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2149GJ Datasheet HTML 1Page - Monolithic Power Systems MP2149GJ Datasheet HTML 2Page - Monolithic Power Systems MP2149GJ Datasheet HTML 3Page - Monolithic Power Systems MP2149GJ Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV2149-J-00A–6V, DUAL 1A LOW QUIESCENT CURRENT SYNC BUCK REGULATOR
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV2149-J-00A Rev. 1.0
www.MonolithicPower.com
4
9/17/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
QUICK START GUIDE
The board layout accommodates most commonly used components.
1. Connect the positive and negative terminals of the load to VOUT1, VOUT2 and GND pins,
respectively.
2. Preset Power Supply output between 2.7V and 6V, and turn off the power supply.
3. Connect Power Supply terminals to:
a. Positive (+): VIN
b. Negative (–): GND
4. Turn Power Supply on after making connections. The board will automatically start-up.
5. To use the Enable function, apply a digital input to the EN pin. Drive EN higher than 1.2V to turn
on the regulator or less than 0.4V to turn it off.
LAYOUT RECOMMENDATION OF MP2149
Proper layout of the switching power supplies is very important, and sometimes critical to make it
work properly. Especially, for the high switching converter, if the layout is not carefully done, the
regulator could show poor line or load regulation, stability issues.
For MP2149, the input capacitor and feedback resistors should be placed as close as possible to
the IC pins. As shown in Figure 4. The 0805 size ceramic capacitors (C1 and C2) are used for the
input capacitor, please make sure the two ends of the ceramic capacitor be directly connected to
PIN7 (the Power Input Pin) and PIN5 (the Power GND Pin). The R1, R2 and R3, R4 are the
feedback resistors, please make sure they are as close as possible to the feedback pins (PIN8 and
PIN1).
1
8
7
6
5
OUT1
EN2
SW1
VIN
C1A
C1B
R1
R2
AGND
SW2
OUT2
EN1
R3
R4
C3
C4
C6
C5
GND
2
3
4
Figure 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com