Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2269GD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2269GD
Description  30V, 1A, Low IQ Step-Down Converter Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2269GD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2269GD Datasheet HTML 1Page - Monolithic Power Systems MP2269GD Datasheet HTML 2Page - Monolithic Power Systems MP2269GD Datasheet HTML 3Page - Monolithic Power Systems MP2269GD Datasheet HTML 4Page - Monolithic Power Systems MP2269GD Datasheet HTML 5Page - Monolithic Power Systems MP2269GD Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EV2269-D-00A – 30V, 1A, LOW IQ, SYNCHRONOUS BUCK CONVERTER
EV2269-D-00A Rev.1.0
www.MonolithicPower.com
2
3/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
EV2269-D-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Manufacturer P/N
1
C1A
10µF
Ceramic
Cap,
50V, X5R
1206
TDK
C3216X5R1H106K
0
C1B, C7
NS
2
C1C,C2C
0.1µF
Ceramic
Cap,
350V, X7R
0603
TDK
C1608X7R1H104K
2
C2A,C2B
22µF
Ceramic
Cap,
16V, X5R
1206
Murata
GRM31CR61C226ME15L
1
C3
12nF
Ceramic
Cap,
50V, X7R
0603
Murata
GRM188R71H123KA01D
2
C4,C5
1uF
Ceramic
Cap,
25V, X7R
0603
Murata
GRM188R71E105KA12D
1
C6
5.6pF
Ceramic
Cap,
50V, C0G
0603
Murata
GRM1885C1H5R6DZ01D
0
D1
NS
1
L1
6.5µH
DCR=21.5mΩ,
Isat=6A
SMD
Wurth
744314650
1
R1
1MΩ
Film Res, 1%
0603
ROYAL
RL0603FR-071ML
1
R2
324kΩ
Film Res, 1%
0603
ROYAL
RL0603FR-07324KL
1
R3
165kΩ
Film Res, 1%
0603
ROYAL
RL0603FR-07165KL
2
R4,R8
0Ω
Film Res, 1%
0603
ROYAL
RL0603FR-070RL
2
R5,R9
100kΩ
Film Res, 1%
0603
ROYAL
RL0603FR-07100KL
0
R6
NS
1
R7
10Ω
Film Res, 1%
0603
ROYAL
RL0603FR-0710RL
1
U1
MP2269GD
DC-DC Converter
QFN2×3
MPS
MP2269GD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com