Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2269GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2269GD
Description  30V, 1A, Low IQ Step-Down Converter Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2269GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2269GD Datasheet HTML 1Page - Monolithic Power Systems MP2269GD Datasheet HTML 2Page - Monolithic Power Systems MP2269GD Datasheet HTML 3Page - Monolithic Power Systems MP2269GD Datasheet HTML 4Page - Monolithic Power Systems MP2269GD Datasheet HTML 5Page - Monolithic Power Systems MP2269GD Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV2269-D-00A
30V, 1A, Low IQ
Step-Down Converter Evaluation Board
EV2269-D-00A Rev.1.0
www.MonolithicPower.com
1
3/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
EV2269-D-00A
demonstrates
MPS’s
MP2269, a fully-integrated, high efficiency,
synchronous step-down switch mode converter
with built-in high-side and low-side power
MOSFETs.
MP2269
provides
up
to
1A
continuous output current over a wide input
supply range with current mode control for fast
loop response.
Full protection features include over-current
protection (OCP) and thermal shutdown (TSD).
The
Evaluation
Board
can
deliver
1A
continuous load current over a wide input range
with excellent load and line regulation.
This part requires minimum number of external
components
and
is
available
in
QFN15
(2mmx3mm) package
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
12
V
Output Voltage
VOUT
3.3
V
Output Current
IOUT
1
A
Switching Frequency
fSW
500
kHz
FEATURES
• Wide 3.3V to 30V Operating Input Range
• 1A Continous Output Current
• 1μA Low Shutdown Supply Current
• 12μA Sleep Mode Quiescent Current
• 180mΩ/80mΩ High Side/Low Side RDS(ON)
for Internal Power MOSFETs
• 350kHz to 2.5MHz Programmable Switching
Frequency
• Power Good Output
• External Soft Start
• 80ns Minimum On Time
• Selectable Forced PWM Mode and Auto
PFM/PWM Mode
• Low Dropout Mode
• Hiccup Over Current Protection
• QFN-15 (2mmx3mm)
APPLICATIONS
Battery Powered Systems
Smart Home
Wide Input Range Power Supply
Standby Power Supply
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology”, are Registered Trademarks
of Monolithic Power Systems, Inc.
EV2269-D-00A EVALUATION BOARD
Board Number
MPS IC Number
EV2269-D-00A
MP2269GD
0.001
0.01
0.1
1
50
55
60
65
70
75
80
85
90
95
100


Similar Part No. - MP2269GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2269GD MPS-MP2269GD Datasheet
1Mb / 19P
3.3V - 30V, 1A, 12uA IQ, Synchronous, Step-Down Converter with External Soft Start and Power Good in 2x3mm QFN Package
More results

Similar Description - MP2269GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2309DS-00A MPS-EV2309DS-00A Datasheet
205Kb / 4P
1A, 23V, 340KHz Synchronous Step-Down Converter Evaluation Board
EV2361DK-00A MPS-EV2361DK-00A Datasheet
204Kb / 3P
2A, 1.4MHz Step-Down Converter Evaluation Board
logo
Richtek Technology Corp...
RT2862GSP RICHTEK-RT2862GSP Datasheet
678Kb / 11P
RT2862 Step-Down Converter Evaluation Board
RT2872GSP RICHTEK-RT2872GSP Datasheet
699Kb / 11P
RT2872 Step-Down Converter Evaluation Board
RT6266GSP RICHTEK-RT6266GSP Datasheet
663Kb / 6P
RT6266 Step-Down Converter Evaluation Board
RT8279GSP RICHTEK-RT8279GSP Datasheet
887Kb / 8P
RT8279 Step-Down Converter Evaluation Board
logo
Monolithic Power System...
EV2313-J-00A MPS-EV2313-J-00A Datasheet
324Kb / 6P
High Efficiency,24V,1A,2MHz,Synchronous Step-Down Converter Evaluation Board
EV2454-H-00A MPS-EV2454-H-00A Datasheet
673Kb / 7P
36V, 0.6A Step Down Converter Evaluation Board
EV2454-Q-00A MPS-EV2454-Q-00A Datasheet
333Kb / 7P
36V, 0.6A Step Down Converter Evaluation Board
EV28300-G-01A MPS-EV28300-G-01A Datasheet
365Kb / 9P
Ultra Low IQ Step-down Regulator plus LDO Step-Down Switcher Evaluation Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com