Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4015 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4015
Description  Multichemistry Buck Battery Charger Controller with Digital Telemetry System
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4015 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4015 Datasheet HTML 17Page - Linear Technology LTC4015 Datasheet HTML 18Page - Linear Technology LTC4015 Datasheet HTML 19Page - Linear Technology LTC4015 Datasheet HTML 20Page - Linear Technology LTC4015 Datasheet HTML 21Page - Linear Technology LTC4015 Datasheet HTML 22Page - Linear Technology LTC4015 Datasheet HTML 23Page - Linear Technology LTC4015 Datasheet HTML 24Page - Linear Technology LTC4015 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
LTC4015
21
4015fb
For more information www.linear.com/LTC4015
Figure 1. NTC Bias Configuration
4015 F01
RNTCBIAS
NTCBIAS
NTC
T
RNTC
THERMISTOR
OPERATION
Wheninputpowerisabsent,themeasurementsystemcan
be sampled periodically at reduced battery load using the
following procedure as an example:
a. Write en_meas_sys_valid_alert = 1
b. Write force_meas_sys_on = 1
c. Wait for SMBALERT to go low (typically 20ms from
force_meas_sys_on = 1)
d. UponSMBALERTgoinglow,performARAcommand.If
therearemultipleslavedevices,verifythattheLTC4015
is asserting the alert.
e. Verify meas_sys_valid_alert = 1
f. Write en_meas_sys_valid_alert = 0
g. Write force_meas_sys_on = 0
h. Read updated measurement system data from the
LTC4015
This procedure can be repeated at desired intervals (for
example, once per second) in order to periodically moni-
tor the system.
Thermistor/NTC Measurement
chosen thermistor at 25°C (r25). NTC_RATIO (0x40) is
available via the serial port, except when the ship mode
feature has been activated.
TheLTC4015measurementsystemisconfiguredtodirectly
calculate NTC_RATIO, where:
NTC_RATIO= 21845 •
RNTC
RNTCBIAS+RNTC
RNTC=RNTCBIAS •
NTC_RATIO
21845–NTC_RATIO
NTC_RATIO has a bit weight of 1/21845 = 4.5777–5/LSB.
For a NTC_RATIO of 0.5, where RNTC = RNTCBIAS, the
value of NTC_RATIO reported by the serial port would be
approximately 10922.
The data in the first two columns in the following table
are from a Vishay NTC thermistor with a R25 of 10k
and
β value of 3490k, such as provided by a Vishay
NTCS0402E3103FLT or NTHS0402N02N1002JE. The
NTC_RATIO value is 21845 • [RNTC/( RNTC + RNTCBIAS )],
where RNTCBIAS = R25 = 10k.
TEMPERATURE
RNTC
NTC_RATIO
10.0
18290
14122
15.0
14867
13059
20.0
12157
11985
25.0
10000
10922
30.0
8272
9889
35.0
6879
8902
40.0
5751
7975
Steps to find NTC resistor temperature given a NTC_RATIO value;
1. Retrieve value for the NTC_RATIO from the LTC4015 via the I2C port
2. Calculate RNTC;
3. Using the calculated RNTC, use NTC resistor manufacturers data to
determine temperature.
Battery temperature is sensed by using an external NTC
(negative temperature coefficient) thermistor, RNTC. RNTC
is normally located in the battery pack. Connect RNTC
betweentheNTCpinandground.Abiasresistor,RNTCBIAS,
is connected between NTCBIAS and NTC. RNTCBIASshould
be a 1% resistor with a value equal to the value of the
RNTC=RNTCBIAS
NTC_RATIO
21845–NTC_RATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com