Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4015 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC4015
Description  Multichemistry Buck Battery Charger Controller with Digital Telemetry System
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4015 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC4015 Datasheet HTML 35Page - Linear Technology LTC4015 Datasheet HTML 36Page - Linear Technology LTC4015 Datasheet HTML 37Page - Linear Technology LTC4015 Datasheet HTML 38Page - Linear Technology LTC4015 Datasheet HTML 39Page - Linear Technology LTC4015 Datasheet HTML 40Page - Linear Technology LTC4015 Datasheet HTML 41Page - Linear Technology LTC4015 Datasheet HTML 42Page - Linear Technology LTC4015 Datasheet HTML 43Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
LTC4015
39
4015fb
For more information www.linear.com/LTC4015
OPERATION
Where KQC = 8333.33Hz/V
fTICKisthendividedbyaprescaler(QCOUNT_PRESCALE_
FACTOR)thatisprogrammablefrom1to65535(defaultof
512). The prescaler effectively increases integration time
by a factor equal to QCOUNT_PRESCALE_FACTOR. At
each under or overflow of the prescaler, the accumulated
voltageregister(QCOUNT)isincrementedordecremented
one count. The value of accumulated voltage is read via
the I2C interface.
To achieve the specified precision of the Coulomb counter
the differential voltage VCSP–CSN must stay within ±50mV.
For differential input signals up to ±300mV the Coulomb
counter will remain functional but the precision of the
Coulomb counter is not guaranteed.
The value of external sense resistor, RSNSB, influences
the gain of the Coulomb counter. A larger sense resistor
gives a larger differential voltage for the same current
which results in more precise Coulomb counting. Thus
the amount of charge represented by the least significant
bit (qLSB) of the accumulated charge is given by:
qLSB=
QCOUNT_PRESCALE_FACTOR
KQC•RSNSB
qLSBunits arein coulombs(Amp-seconds)
where:
KQC = 8333.33Hz/V
QCOUNT_PRESCAL_FACTOR = value of the
prescaler
RSNSB is in Ω
If the value of QCOUNT reaches 0 or 65535, the value
saturates. QCOUNT does not wrap.
As long as input power is applied and the battery charger
is enabled, the LTC4015 will allow lead-acid batteries to
remain in a CV state indefinitely. As the battery slowly
discharges itself internally, the LTC4015 replenishes the
lostcharge,andthischargeisaccumulatedbytheCoulomb
counter. After a long period of time, the Coulomb counter
accumulated charge due to battery self discharge current
while the charger is in CV mode could cause significant
errors relative to the actual SOC of the battery.
Coulomb Counter Applications
Thefollowingexamplesdemonstratesimpleapplicationsof
theLTC4015Coulombcounterfunction.Formoreadvanced
applications,includingcalibrationofstate-of-chargebased
ontemperature,pleasecontactLinearTechnologyApplica-
tions Engineering for more information.
EXAMPLE: Setting QCOUNT_PRESCALE_FACTOR and
initializingandcalibratingQCOUNT:ChargingtwoLi-Ion
3.5Ah batteries in parallel at 6.4A total
Total capacity = 7.0 Ah = 7.0A • 3600sec = 25200C
Constant-current charging at 6.4A requires RSNSB =
32mV/6.4A = 5mΩ
The maximum value of the QCOUNT register is 65535.
To prevent over ranging QCOUNT, the highest allowed
value of qLSB is 25200C/65535 = 0.385C
Using:
qLSB=
QCOUNT_PRESCALE_FACTOR
KQC•RSNSB
RSNSB
CSP
S1
CCREFM
4015 F10
CCREFP
CONTROL
LOGIC
POLARITY
DETECTION
S2
S3
S4
CHARGER
BATTERY
CSN
GND
IBAT
–
+
–
+
+
PRESCALAR
M
TO
LTC4015
LOGIC/
SERIAL PORT
Figure 10. Coulomb Counter Section of the LTC4015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com