Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4418 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4418
Description  Dual Channel Prioritized PowerPath Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4418 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4418 Datasheet HTML 9Page - Linear Technology LTC4418 Datasheet HTML 10Page - Linear Technology LTC4418 Datasheet HTML 11Page - Linear Technology LTC4418 Datasheet HTML 12Page - Linear Technology LTC4418 Datasheet HTML 13Page - Linear Technology LTC4418 Datasheet HTML 14Page - Linear Technology LTC4418 Datasheet HTML 15Page - Linear Technology LTC4418 Datasheet HTML 16Page - Linear Technology LTC4418 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTC4418
13
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
R3
R2
R1
R7
R6
R5
R4
R10
R9
R8
R12
R11
IHYS/8
IHYS/8
M1
RP
RHYS
T-RESISTIVE
CONNECTION
DUAL-
RESISTIVE
CONNECTION
ALTERNATE INDEPENDENT
HYSTERESIS
UV1
OV1
OV1
UV1
V1
UV1
GND
1V
1V
INTVCC
UV
OV
VALIDATION
TIMER
LTC4418
VOUT
VALID1
HYS
124k
TO
1.24M
IHYS
V1 INPUT
SUPPLY
OV1
4418 F02
Figure 2. Adjustable External OV/UV Hysteresis
R3
R2
R1
M1
RP
CUVF
M2
V1
UV1
GND
1V
1V
UV
OV
LTC4418
VOUT
VALID1
HYS
V1 INPUT
SUPPLY
OPTIONAL
FILTER
CAPACITOR
OPTIONAL
DISCONNECT
OV1
1.03V
0.97V
VALIDATION
TIMER
4418 F03
Figure 3. 3% Internal Hysteresis with Optional Filter Capacitor
and Manual Disconnect MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com