Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4418 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4418
Description  Dual Channel Prioritized PowerPath Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4418 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4418 Datasheet HTML 17Page - Linear Technology LTC4418 Datasheet HTML 18Page - Linear Technology LTC4418 Datasheet HTML 19Page - Linear Technology LTC4418 Datasheet HTML 20Page - Linear Technology LTC4418 Datasheet HTML 21Page - Linear Technology LTC4418 Datasheet HTML 22Page - Linear Technology LTC4418 Datasheet HTML 23Page - Linear Technology LTC4418 Datasheet HTML 24Page - Linear Technology LTC4418 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTC4418
21
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 7. Design Example Schematic 5V/12V System
CHANNEL
1
2
UV THRESHOLD
4.5V
9.95V
OV THRESHOLD
5.5V
14.13V
HYSTERESIS
250mV
250mV
INRUSH LIMIT
–
12A
VALIDATION DELAY
16ms
16ms
VOUT DROOP MAX
500mV
V2
UV2
OV2
LTC4418
4418 F07
VS1
G1
VS2
G2
R3
1M
CVS1
100nF
R2
53.6k
R1
232k
R6
1M
R5
33.2k
R4
78.7k
CVS2
470nF
DS
BAT46WJ
M3
M4
CS
47nF
RS
698
R7
100k
V1 INVALID
V2 INVALID
COUT
82µF
25m ESR
VOUT
1.25A
V1
UV1
OV1
VOUT
VALID1
VALID2
CAS
INTVCC
EN
SHDN
TMR
+
CIN1
10µF
+
CIN2
10µF
+
FDS4465
M1
M2
FDS4465
5V SYS
12V WALL
ADAPTER
INPUT IMPEDANCE: 20m
GND
CV1
100nF
CV2
100nF
HYS
RHYS
255k
CTMR
1nF
CINTVCC
100nF
R8
100k
LT3060-3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com