Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2480DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2480DN
Description  Hysteretic Step Down High Power LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2480DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2480DN Datasheet HTML 1Page - Monolithic Power Systems MP2480DN Datasheet HTML 2Page - Monolithic Power Systems MP2480DN Datasheet HTML 3Page - Monolithic Power Systems MP2480DN Datasheet HTML 4Page - Monolithic Power Systems MP2480DN Datasheet HTML 5Page - Monolithic Power Systems MP2480DN Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EV2480DN-00A – HYSTERETIC STEP DOWN HIGH POWER LED DRIVER
EV2480DN-00A Rev.1.0
www.MonolithicPower.com
2
6/20/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
EV2480DN-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
1
C1
22µF
Electrolytic Capacitor,50V
DIP
22µF./50V
2
C2,C3
2.2µF
Ceramic
Capacitor,50V,X7R
1206
muRata
GRM32ER71H225
KA88L
1
C4
0.1µF
Ceramic Cap., 50V, 10%,
X7R
0603
muRata
GRM188R71H104K
2
C5,C6
NC
1206
1
D1
B340
Diode Schottky
SMC
Diodes Inc.
B340
1
L1
47µH
Inductor 2.7A
SMD
Wurth
744770147
1
R1
NC
0603
1
R2
1k
Film Res., 1%
0603
Yageo
RC0603FR-071KL
2
R3,R4
200mΩ
Film Res., 1%
1206
Yageo
RL1206FR-070R2L
1
R5
10k
Film Res., 1%
0603
Yageo
RC0603FR-0710KL
1
U1
MP2480DN MPS WLED Driver
SOIC8-EP
MPS
MP2480DN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com