Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2480DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2480DN
Description  Hysteretic Step Down High Power LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2480DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2480DN Datasheet HTML 1Page - Monolithic Power Systems MP2480DN Datasheet HTML 2Page - Monolithic Power Systems MP2480DN Datasheet HTML 3Page - Monolithic Power Systems MP2480DN Datasheet HTML 4Page - Monolithic Power Systems MP2480DN Datasheet HTML 5Page - Monolithic Power Systems MP2480DN Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV2480DN-00A
Hysteretic Step Down
High Power LED Driver
EV2480DN-00A Rev.1.0
www.MonolithicPower.com
1
6/20/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV2480DN-00A Evaluation Board is
designed to demonstrate the capabilities of
MP2480DN. The MP2480 is step-down switching
regulator to deliver a constant current of up to 3A
for high power LED
With a 30-36V input VIN and a EN DC signal
which is higher than 2V, EV2480DN-00A can
deliver a regulated voltage to drive a LED string.
The LED current is regulated to about 2A.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
30-36
V
Enable
EN
2- 5
V
Dimming
DIM
2- 5
V
LED Current
ILED
2
A
LED Voltage
VLED
24
V
FEATURES
 Wide 5V to 36V Operating Input Range
 Up to 95% Efficiency
 Hysteretic Control with No Compensation
 No Output Capacitor Required
 ±3% LED Current Accuracy
 Up to 2MHz Switching Frequency
 Up to 20kHz Dimming Frequency
 200mV Reference Voltage
 Short-Circuit Protection with Integrated
High-Side MOSFET
 Thermal Shut Down
AVAILABLE IN SOIC8-EPAPPLICATIONS
 High Power LED Driver
 General Lighting and LCD Backlighting
 Constant Current Source
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology”, are Registered Trademarks
of Monolithic Power Systems, Inc.
EV2480DN-00A EVALUATION BOARD
(L x W x H) 6.35cm x 6.35cm x 0.8cm
Board Number
MPS IC Number
EV2480DN-00A
MP2480DN


Similar Part No. - MP2480DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2480DN MPS-MP2480DN Datasheet
307Kb / 12P
5V, 36V Input, 3A High Power LED Driver
More results

Similar Description - MP2480DN

ManufacturerPart #DatasheetDescription
logo
ams AG
AS7620 AMSCO-AS7620 Datasheet
623Kb / 2P
500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
logo
ON Semiconductor
CAT4201TD-GT3 ONSEMI-CAT4201TD-GT3 Datasheet
281Kb / 15P
350mA High Efficiency Step Down LED Driver
Doc. No. MD-5025 Rev. E
logo
ams AG
AS7620 AMSCO-AS7620_1 Datasheet
1Mb / 16P
500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
logo
M.S. Kennedy Corporatio...
SM8200 MSK-SM8200 Datasheet
96Kb / 1P
High Efficiency Step Down LED Driver
logo
SamHop Microelectronics...
SM8200 SAMHOP-SM8200 Datasheet
96Kb / 1P
High Efficiency Step Down LED Driver
logo
ON Semiconductor
CAT4201 ONSEMI-CAT4201_15 Datasheet
134Kb / 12P
High Efficiency Step Down LED Driver
September, 2015 ??Rev. 9
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
Hysteretic, High Brightness LED Driver
logo
Dialog Semiconductor
IW3638 DIALOG-IW3638 Datasheet
422Kb / 6P
High-Power Step-Down LED Driver Supports
logo
Linear Technology
LT3744 LINER-LT3744 Datasheet
277Kb / 6P
High Current Synchronous Step-Down LED Driver
logo
Shenzhen Huazhimei Semi...
HM6103 HMSEMI-HM6103 Datasheet
349Kb / 8P
step-down high-power LED constant current driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com