Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLT2423-98AC Datasheet(PDF) 1 Page - II-VI Marlow, Inc.

Part # XLT2423-98AC
Description  Single-Stage Thermoelectric Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

XLT2423-98AC Datasheet(HTML) 1 Page - II-VI Marlow, Inc.

  XLT2423-98AC Datasheet HTML 1Page - II-VI Marlow, Inc. XLT2423-98AC Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MI Form 005-0692 Rev. 4
DOC # 102-0319 REV L - PAGE 1 OF 2
www.marlow.com
Technical Data Sheet for
XLT2423
Single-Stage Thermoelectric Module
NOMINAL PERFORMANCE IN NITROGEN
Hot Side Temperature (°C)
27
50
Δ Tmax (°C):
58
66
Qmax (watts):
95
106
Imax (amps):
19.0
18.8
Vmax (vdc):
7.7
8.5
AC Resistance (ohms):
0.34
---
PRODUCT FEATURES
•
RoHS EU Compliant
•
Rated operating temperature of 125°C.
•
Ceramic Material: Aluminum Oxide
•
Designed for temperature cycling applications.
•
Capable of rapid heating and cooling rates.
•
Porch configuration for high strength leadwire connection.
•
Superior nickel diffusion barriers on elements.
•
High strength for rugged environment.
•
RTV sealing option available.
•
Lapped for multiple module applications.
•
Diced option for further mechanical stress relief.
•
Set of modules ACR matched available.
ORDERING OPTIONS
Model Number
Description
XLT2423-31AC
Undiced
XLT2423-34AC
Undiced, ACR matched set of 4
XLT2423-38AC
Undiced, ACR matched set of 8
XLT2423-41AC
Diced
XLT2423-42AC
Diced, ARC matched set of 2
XLT2423-44AC
Diced, ACR matched set of 4
XLT2423-48AC
Diced, ACR matched set of 8
XLT2423-51AC
Undiced, 10 inches long leadwires
XLT2423-61AC
Undiced, plastic tray packaging
XLT2423-71AC
Undiced, no leadwires
XLT2423-78AC
Undiced, ACR matched set of 8, no
leadwires
XLT2423-81AC
Diced, no leadwires
XLT2423-88AC
Diced, ACR matched set of 8, no
leadwires
XLT2423-98AC
Diced, ACR matched set of 8, 2.12
inches long leadwires
OPERATION CAUTIONS
For maximum reliability, storage and operation below
125°C in a non-condensing environment is recommended.
To minimize thermal stress, use linear/proportional
temperature control or a similar method rather than an
ON/OFF method.
INSTALLATION
Recommended mounting method: Clamp with uniform
pressure to a flat surface with thermal interface material. For
additional information, please refer to our TEC Installation
Guide.
II-VI Marlow – Dallas, TX USA
214-340-4900
877-627-5691
marlow.sales@ii-vi.com
Marlow Industries Europe
GmbH - Germany
+49 (0) 6150 5439 - 403
info@marlow-europe.eu
II-VI Japan Inc.
81 43 297 2693 (tel)
center@ii-vi.co.jp
www.ii-vi.co.jp
II-VI Singapore Pte., Ltd.
(65) 6481 8215 (tel)
info@ii-vi.com.sg
Marlow Industries China, II-VI
Technologies Beijing
86-10-643 98226
info@iivibj.com


Similar Part No. - XLT2423-98AC

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
XLT2423-98AC VIMARLOW-XLT2423-98AC Datasheet
179Kb / 2P
Single-Stage Thermoelectric Cooler
logo
Coherent Corp
XLT2423-98AC COHERENT-XLT2423-98AC Datasheet
784Kb / 3P
THERMOCYCLER XLT2423
More results

Similar Description - XLT2423-98AC

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
XLT3-8 VIMARLOW-XLT3-8 Datasheet
163Kb / 2P
Single-Stage Thermoelectric Module
NL1015T VIMARLOW-NL1015T Datasheet
266Kb / 3P
Single-Stage Thermoelectric Module
PL020-4-30 VIMARLOW-PL020-4-30 Datasheet
229Kb / 2P
Single-Stage Thermoelectric Module
NL1011T VIMARLOW-NL1011T_17 Datasheet
478Kb / 2P
Single-Stage Thermoelectric Module
NL1012T VIMARLOW-NL1012T_17 Datasheet
542Kb / 3P
Single-Stage Thermoelectric Module
NL1022T VIMARLOW-NL1022T_18 Datasheet
829Kb / 4P
Single-Stage Thermoelectric Module
NL1020T VIMARLOW-NL1020T_17 Datasheet
648Kb / 3P
Single-Stage Thermoelectric Module
XLT2393 VIMARLOW-XLT2393_17 Datasheet
489Kb / 2P
Single-Stage Thermoelectric Module
XLT2416 VIMARLOW-XLT2416_17 Datasheet
511Kb / 2P
Single-Stage Thermoelectric Module
XLT2427 VIMARLOW-XLT2427_17 Datasheet
506Kb / 2P
Single-Stage Thermoelectric Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com