Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLT2423-98AC Datasheet(PDF) 2 Page - II-VI Marlow, Inc.

Part # XLT2423-98AC
Description  Single-Stage Thermoelectric Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

XLT2423-98AC Datasheet(HTML) 2 Page - II-VI Marlow, Inc.

  XLT2423-98AC Datasheet HTML 1Page - II-VI Marlow, Inc. XLT2423-98AC Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MI Form 005-0692 Rev. 4
DOC # 102-0319 REV L - PAGE 2 OF 2
www.marlow.com
ENVIRONMENT: ONE ATMOSPHERE DRY NITROGEN
For performance information in a vacuum or with hot side temperatures other than 27°C or 50°C, contact one of our Applications Engineers at 877-627-5691.
Dimensions in [ ] are millimeters
For customer support or general questions please contact a local office or visit our website at www.marlow.com.
TA = 27°C - Nitrogen (1 ATM)
0
10
20
30
40
50
60
0
4
8
12
16
20
24
Heat
Load (W)
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
7
8
9
10
0
4
8
12
16
20
24
Current (amps)
Q = 0
∆T = 0
TA = 50°C - Nitrogen (1 ATM)
0
10
20
30
40
50
60
70
0
4
8
12
16
20
24
Heat
Load (W)
0
10
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
7
8
9
10
0
4
8
12
16
20
24
Current (amps)
Q = 0
∆T = 0
TEFLON INSULATED
1.433±.005
[36.40±0.13]
COLD SIDE, Tc
HOT SIDE, Th
(-), BLACK
(+), WHITE
.1200±.001 [3.048±0.025]
1.411±.005
[35.84±0.13]
1.978±.005 [50.24±0.13]
2.142±.005 [54.41±0.13]
.0008 [0.020] A
.0008 [0.020]
.0008 [0.020]
.011 [0.28]
TYP
WIRE LENGTH: 1.7±.1
STRIP LENGTH: .40±.05 (CUSTOMER END)
LEAD WIRES: 18 AWG, 19/30 STRANDING,
Hot Side Temperature 27°C
Hot Side Temperature 50°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com