Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4473GL Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPQ4473GL
Description  High-Efficiency, Fast-Transient, 3.5A, 36V Step-Down Converter Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4473GL Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ4473GL Datasheet HTML 1Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 2Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 3Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 4Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 5Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 6Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EV4473-L-00A – 3.5A, 36V, STEP-DOWN CONVERTER EVALUATION BOARD
EV4473-L-00A Rev. 1.0
www.MonolithicPower.com
2
3/23/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
4.5-36V
3.3V/3.5A
NS
R8
0
R9
VIN
10uF
C1A
50V
1210
10uF
C1B
50V
1210
0.1uF
C1C
50V
63.4K
R7
1%
1uF
C5
16V
100K
R6
499K
R5
1%
EN
PGOOD
33nF
C6
50V
1%
0.1uF
C3
620K
R4
1%
390pF
C4
50V
5%
31.6K
R1
1%
10K
R2
1%
22uF
C2A
1210
22uF
C2B
1210
VOUT
0.1uF
C2C
GND
GND
4.99
R3
NS
C8
0.1uF
C1D
PGOOD
6
EN
5
VCC
20
FREQ
2
VIN
FB
3
SW
BST
7
MP4470
8,19
9,10,17,18
U1
5.6uH
L1
MPQ4473
0603
0805
50V
0603
EV4473-L-00A BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer Manufactuer_P/N
2
C1A,C1B
10μF
Ceramic Cap., 50V, X7R
1210
muRata
GRM32ER71H106KA12L
3
C1C,C2C,
C3
0.1μF
Ceramic Cap., 50V, X7R
0603
TDK
C1005X7R1C104K
1
C1D
0.1μF
Ceramic Cap., 50V, X7R
0805
muRata
GRM21BR72A104KAC4L
2
C2A,C2B
22μF
Ceramic Cap., 16V, X7R
1210
muRata
GRM32ER71C226KE79
1
C4
390pF
Ceramic Cap., 50V, C0G
0402
muRata
GRM1885C1H391JA01D
1
C5
1μF
Ceramic Cap., 25V, X7R
0402
muRata
GRM188R71C105KA12D
1
C6
33nF
Ceramic Cap., 16V, X7R
0402
muRata
GRM188R71H333KA61D
1
L1
5.6μH
Inductor, 15mOhm DCR,
10A
SMD
Coilcraft
XAL6060-562ME
1
R1
31.6k
Film Res., 1%
0402
Yageo
RC0603FR-0731K6L
1
R2
10k
Film Res., 1%
0402
Yageo
RC0603FR-0710KL
1
R3
4.99Ω
Film Res., 1%
0402
Yageo
RC0603FR-074R99L
1
R4
620k
Film Res., 1%
0402
Yageo
RC0603FR-07620KL
1
R5
499k
Film Res., 1%
0402
Yageo
RC0603FR-07499KL
1
R6
100k
Film Res., 5%
0402
Yageo
RC0603FR-07100KL
1
R7
63.4k
Film Res., 1%
0402
Yageo
RC0603FR-0763K4L
1
R9
0Ω
Film Res., 5%
0402
Yageo
RC0603FR-070RL
R8
NS
1
U1
MPQ4473 Step-Down Regulator
QFN20-
3x4
MPS
MPQ4473GL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com