Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4473GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ4473GL
Description  High-Efficiency, Fast-Transient, 3.5A, 36V Step-Down Converter Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4473GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ4473GL Datasheet HTML 1Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 2Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 3Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 4Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 5Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 6Page - Monolithic Power Systems MPQ4473GL Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV4473-L-00A
High-Efficiency, Fast-Transient, 3.5A, 36V
Step-Down Converter Evaluation Board
EV4473-L-00A Rev. 1.0
www.MonolithicPower.com
1
3/23/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV4473-L-00A is an evaluation board for
the MPQ4470, a high-efficiency step-down
regulator with integrated power MOSFETs.
MPQ4470 offers a very compact solution to
achieve a 5A, continuous-output current over a
wide input-supply range with excellent load and
line regulation. It also provides fast transient
response and good stability for wide input-
supply and load range.
The EV4473-L-00A is a fully assembled and
tested evaluation board. It generates a +3.3V
output voltage at load current up to 5A from an
4.5V to 36V input range. Switching frequency is
set at 500kHz.
This evaluation board is available for both
EV4473 and EVQ4473
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
4.5 – 36
V
Output Voltage
VOUT
3.3
V
Output Current
IOUT
3.5
A
FEATURES
• Wide 4.5V-to-36V Operating Input Range
• Guarantee 5A, Continuous Output Current
• Internal 40mΩ High-Side, 20mΩ Low-Side
Power MOSFETs
• Proprietary
Switching-Loss-Reduction
Technology
• 1% Reference Voltage
• Programmable Soft-Start Time
• Low Drop-out Mode
• SCP, OCP, OVP, UVP and Thermal
Shutdown
APPLICATIONS
•
Notebook Systems and I/O Power
•
Automotive Systems
•
Networking Systems
•
Industrial Supplies
•
Optical Communications Systems
•
Distributed Power and POL Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
EV4473-L-00A EVALUATION BOARD
(L x W x H) 2.5” x 2.5” x 0.4”
(6.4cm x 6.4cm x 1.0cm)
Board Number
MPS IC Number
EV4473-L-00A
MPQ4473GL
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10


Similar Part No. - MPQ4473GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4473GL MPS-MPQ4473GL Datasheet
1Mb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter with AEC-Q100 Qualified
MPQ4473GL-AEC1 MPS-MPQ4473GL-AEC1 Datasheet
1Mb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter with AEC-Q100 Qualified
More results

Similar Description - MPQ4473GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4470 MPS-MP4470 Datasheet
930Kb / 18P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
MPQ4473-AEC1 MPS-MPQ4473-AEC1 Datasheet
1Mb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter with AEC-Q100 Qualified
MP4473 MPS-MP4473 Datasheet
752Kb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
MP9473 MPS-MP9473 Datasheet
2Mb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
EV4470-L-01A MPS-EV4470-L-01A Datasheet
522Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
EV9447-L-00A MPS-EV9447-L-00A Datasheet
743Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
EV9473-L-00A MPS-EV9473-L-00A Datasheet
480Kb / 7P
High-Efficiency, Fast-Transient, 3.5A, 36V Step-Down Converter Evaluation Board
EVQ4470-L-00A MPS-EVQ4470-L-00A Datasheet
901Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
logo
Diodes Incorporated
PAM2325 DIODES-PAM2325 Datasheet
553Kb / 12P
FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
Rev 2
PAM2327 DIODES-PAM2327 Datasheet
328Kb / 11P
FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com