Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2325 Datasheet (PDF) - Diodes Incorporated

PAM2325 Datasheet PDF - Diodes Incorporated
Part # PAM2325
Download  PAM2325 Download
File Size   553.91 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description FAST TRANSIENT 3.5A STEP-DOWN CONVERTER

PAM2325 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAM2325 Datasheet PDF - Diodes Incorporated

Part # PAM2325
Download  PAM2325 Click to download

File Size   553.91 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description FAST TRANSIENT 3.5A STEP-DOWN CONVERTER

PAM2325 Datasheet (HTML) - Diodes Incorporated


PAM2325 Product details

Description
The PAM2325 is a 3.5A step-down synchronous converter. The 1.2MHz switching frequency enables the use of small external components. The ultra-small 2mm x 2mm footprint and high efficiency make the PAM2325 an ideal choice for portable applications.
   
Features
• 3.5A Maximum Output Current
• Tiny 1.0µH Chip Inductor
• Excellent Transient Response
• Input Voltage: 2.5V to 5.5V
• Adjustable Output Voltage: 1.0V to 4.0V
• High Efficiency with 1.2MHz Switching Frequency
• 55µA No Load Quiescent Current
• 100% Duty Cycle Low-Dropout Operation
• Internal Soft Start
• Power Good Indicator
• Over-Temperature and Current Limit Protection
• Hiccup mode for output short protection
• 1µA Shutdown Current
• -40°C to +85°C Temperature Range
• Available in QFN2x2-12 Package
• RoHS/REACH Compliant
   
Applications
• Cellular Phone
• Digital Cameras
• Hard Disk Drives
• MP3 Players
• PDAs and Handheld Computers
• Portable Media Players
• USB Devices
• Wireless Network Cards
   




Similar Part No. - PAM2325

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2320 PAM-PAM2320 Datasheet
249Kb / 11P
3A Low Noise Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2320 DIODES-PAM2320 Datasheet
369Kb / 12P
3A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 1
logo
Power Analog Micoelectr...
PAM2320BECADJR PAM-PAM2320BECADJR Datasheet
249Kb / 11P
3A Low Noise Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2320BECADJR DIODES-PAM2320BECADJR Datasheet
369Kb / 12P
3A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 1
logo
Power Analog Micoelectr...
PAM2321 PAM-PAM2321 Datasheet
525Kb / 11P
3MHz,Fast Transient 2A Step-Down Converter
More results


Similar Description - PAM2325

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1110 ANALOGICTECH-AAT1110_06 Datasheet
698Kb / 19P
Fast Transient 800mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
Fast Transient 600mA Step-Down Converter
AAT1140 ANALOGICTECH-AAT1140 Datasheet
1Mb / 19P
Fast Transient 600mA Step-Down Converter
AAT1146 ANALOGICTECH-AAT1146_08 Datasheet
668Kb / 20P
Fast Transient 400mA Step-Down Converter
logo
ACE Technology Co., LTD...
ACE732E ACE-ACE732E Datasheet
560Kb / 10P
6V/3.5A, Fast Response, Step-Down Converter
VER 1.2
logo
Monolithic Power System...
MP4473 MPS-MP4473 Datasheet
752Kb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
MP9473 MPS-MP9473 Datasheet
2Mb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
EV4473-L-00A MPS-EV4473-L-00A Datasheet
450Kb / 7P
High-Efficiency, Fast-Transient, 3.5A, 36V Step-Down Converter Evaluation Board
EV9473-L-00A MPS-EV9473-L-00A Datasheet
480Kb / 7P
High-Efficiency, Fast-Transient, 3.5A, 36V Step-Down Converter Evaluation Board
logo
Diodes Incorporated
PAM2327 DIODES-PAM2327 Datasheet
328Kb / 11P
FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com