Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2320 Datasheet (PDF) - Power Analog Micoelectronics

PAM2320 Datasheet PDF - Power Analog Micoelectronics
Part # PAM2320
Download  PAM2320 Download
File Size   249.98 Kbytes
Page   11 Pages
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics
Description 3A Low Noise Step-Down DC-DC Converter

PAM2320 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAM2320 Datasheet PDF - Power Analog Micoelectronics

Part # PAM2320
Download  PAM2320 Click to download

File Size   249.98 Kbytes
Page   11 Pages
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics
Description 3A Low Noise Step-Down DC-DC Converter

PAM2320 Datasheet (HTML) - Power Analog Micoelectronics


PAM2320 Product details

Description
The PAM2320 is a 3A step-down DC-DC converter. At heavy load, the constant-frequency PWM control performs excellent stability and transient response. No external compensation components are required.
   
Features
■ Output Current: Up to 3A
■ Output Voltage: 0.6V to VIN
■ Input Voltage: 2.7 to 5.5V
■ Efficiency up to 95%
■ 42 A (Typ) No Load Quiescent Current
■ Shutdown Current: <1 μA
■ 100% Duty Cycle Operation
■ 1.5MHz Switching Frequency
■ Internal Soft Start
■ No external Compensation Required
■ Current Limit Protection
■ Thermal Shutdown
■ PSOP-8 Package
   
Applications
■ 5V or 3.3V Point of Load Conversion
■ Telecom/Networking Equipment
■ Set Top Boxes
■ Storage Equipment
■ Video Cards
■ DDR Power Supply
   




Similar Part No. - PAM2320

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2320 DIODES-PAM2320 Datasheet
369Kb / 12P
3A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2320BECADJR DIODES-PAM2320BECADJR Datasheet
369Kb / 12P
3A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 1
More results


Similar Description - PAM2320

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
1MHz 3A Step-Down DC/DC Converter
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
12V, 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 02, 2011
logo
Power Analog Micoelectr...
PAM2303 PAM-PAM2303 Datasheet
336Kb / 13P
3A Low Noise Step-Down DC-DC Converter
PAM2307 PAM-PAM2307 Datasheet
454Kb / 13P
3A Low Noise Step-Down DC-DC Converter
PAM2310 PAM-PAM2310 Datasheet
312Kb / 11P
2A Low Noise Step-Down DC-DC Converter
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
logo
Diodes Incorporated
PAM2307 DIODES-PAM2307 Datasheet
618Kb / 14P
3A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2320 DIODES-PAM2320 Datasheet
369Kb / 12P
3A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2310 DIODES-PAM2310_V01 Datasheet
571Kb / 11P
2A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 April 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com