Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2320BECADJR Datasheet (PDF) - Diodes Incorporated

PAM2320BECADJR Datasheet PDF - Diodes Incorporated
Part # PAM2320BECADJR
Download  PAM2320BECADJR Download
File Size   369.13 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3A LOW NOISE STEP-DOWN DC-DC CONVERTER

PAM2320BECADJR Datasheet (PDF)

Go To PDF Page Download Datasheet
PAM2320BECADJR Datasheet PDF - Diodes Incorporated

Part # PAM2320BECADJR
Download  PAM2320BECADJR Click to download

File Size   369.13 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3A LOW NOISE STEP-DOWN DC-DC CONVERTER

PAM2320BECADJR Datasheet (HTML) - Diodes Incorporated


PAM2320BECADJR Product details

Description
The PAM2320 is a 3A step-down DC-DC converter. At heavy load, the constant-frequency PWM control performs excellent stability and transient response. No external compensation components are required.
   
Features
• Output Current: Up to 3A
• Output Voltage: 0.6V to VIN
• Input Voltage: 2.7 to 5.5V
• Efficiency up to 95%
• 42µA (typ) No Load Quiescent Current
• Shutdown Current: <1µA
• 100% Duty Cycle Operation
• 1.5MHz Switching Frequency
• Internal Soft Start
• No external Compensation Required
• Current Limit Protection
• Thermal Shutdown
• PSOP-8 Package
   
Applications
• 5V or 3.3V Point of Load Conversion
• Telecom/Networking Equipment
• Set Top Boxes
• Storage Equipment
• Video Cards
• DDR Power Supply
   




Similar Part No. - PAM2320BECADJR

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2320BECADJR PAM-PAM2320BECADJR Datasheet
249Kb / 11P
3A Low Noise Step-Down DC-DC Converter
More results


Similar Description - PAM2320BECADJR

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
1MHz 3A Step-Down DC/DC Converter
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
12V, 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 02, 2011
logo
Power Analog Micoelectr...
PAM2303 PAM-PAM2303 Datasheet
336Kb / 13P
3A Low Noise Step-Down DC-DC Converter
PAM2307 PAM-PAM2307 Datasheet
454Kb / 13P
3A Low Noise Step-Down DC-DC Converter
PAM2310 PAM-PAM2310 Datasheet
312Kb / 11P
2A Low Noise Step-Down DC-DC Converter
PAM2320 PAM-PAM2320 Datasheet
249Kb / 11P
3A Low Noise Step-Down DC-DC Converter
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
logo
Diodes Incorporated
PAM2307 DIODES-PAM2307 Datasheet
618Kb / 14P
3A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2310 DIODES-PAM2310_V01 Datasheet
571Kb / 11P
2A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 April 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com