Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2320BECADJR Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PAM2320BECADJR
Description  3A LOW NOISE STEP-DOWN DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2320BECADJR Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PAM2320BECADJR Datasheet HTML 4Page - Diodes Incorporated PAM2320BECADJR Datasheet HTML 5Page - Diodes Incorporated PAM2320BECADJR Datasheet HTML 6Page - Diodes Incorporated PAM2320BECADJR Datasheet HTML 7Page - Diodes Incorporated PAM2320BECADJR Datasheet HTML 8Page - Diodes Incorporated PAM2320BECADJR Datasheet HTML 9Page - Diodes Incorporated PAM2320BECADJR Datasheet HTML 10Page - Diodes Incorporated PAM2320BECADJR Datasheet HTML 11Page - Diodes Incorporated PAM2320BECADJR Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PAM2320
Document number: DSxxxxx Rev. 1 - 0
8 of 12
www.diodes.com
October 2012
© Diodes Incorporated
PAM2320
A Product Line of
Diodes Incorporated
Application Information
The basic PAM2320 application circuit is shown in Page 2. External component selection is determined by the load requirement, selecting L first
and then CIN and COUT.
Inductor Selection
For most applications, the value of the inductor will fall in the range of 1μH to 3.3μH. Its value is chosen based on the desired ripple current and
efficiency. Large value inductors lower ripple current and small value inductors result in higher ripple currents. Higher VIN or VOUT also increases
the ripple current as shown in equation 3A reasonable starting point for setting ripple current is ΔIL = 1.2A (40% of 3A).
()( )
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
Δ
V
V
1
V
L
f
1
I
IN
OUT
OUT
L
Equation (1)
The DC current rating of the inductor should be at least equal to the maximum load current plus half the ripple current to prevent core saturation.
Thus, a 4.2A rated inductor should be enough for most applications (3A + 1.2A). For better efficiency, choose a low DC-resistance inductor.
VO
1.2V
1.5V
1.8V
2.5V
3.3V
L
1µH
1.5µH
2.2µH
2.2µH
3.3µH
CIN and COUT Selection
In continuous mode, the source current of the top MOSFET is a square wave of duty cycle VOUT/VIN. To prevent large voltage transients, a low
ESR input capacitor sized for the maximum RMS current must be used. The maximum RMS capacitor current is given by:
()
[]
V
V
V
V
I
I
required
C
IN
2
/
1
OUT
IN
OUT
OMAX
RMS
IN
−
≅
This formula has a maximum at VIN = 2VOUT, where IRMS =IOUT /2. This simple worst-case condition is commonly used for design because even
significant deviations do not offer much relief. Note that the capacitor manufacturer's ripple current ratings are often based on 2000 hours of life.
This makes it advisable to further derate the capacitor, or choose a capacitor rated at a higher temperature than required. Consult the
manufacturer if there is any question.
The selection of COUT is driven by the required effective series resistance (ESR).
Typically, once the ESR requirement for COUT has been met, the RMS current rating generally far exceeds the IRIPPLE (P-P) requirement. The
output ripple ΔVOUT is determined by:
()
C
f
8
/
1
ESR
I
V
OUT
L
OUT
+
Δ
≈
Δ
Where f = operating frequency, COUT = output capacitance and ΔIL = ripple current in the inductor. For a fixed output voltage, the output ripple is
highest at maximum input voltage since ΔIL increases with input voltage.
Using Ceramic Input and Output Capacitors
Higher values, lower cost ceramic capacitors are now becoming available in smaller case sizes. Their high ripple current, high voltage rating and
low ESR make them ideal for switching regulator applications. Using ceramic capacitors can achieve very low output ripple and small circuit size.
When choosing the input and output ceramic capacitors, choose the X5R or X7R dielectric formul ations. These dielectrics have the best
temperature and voltage characteristics of all the ceramics for a given value and size.
Thermal Consideration
Thermal protection limits power dissipation in the PAM2320. When the junction temperature exceeds +150°C, the OTP (Over Temperature
Protection) starts the thermal shutdown and turns the pass transistor off. The pass transistor resumes operation after the junction temperature
drops below +120°C.
For continuous operation, the junction temperature should be maintained below +125°C. The power dissipation is defined as:
()
()V
I
I
F
t
V
R
V
V
R
V
I
P
IN
Q
O
S
SW
IN
L
)
ON
(
DS
O
IN
H
)
ON
(
DS
O
2
O
D
+
+
−
+
=
IQ is the step-down converter quiescent current. The term tsw is used to estimate the full load step-down converter switching losses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com